Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC200 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC200
Description  Fast Settling, Wideband Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC200 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC200 Datasheet HTML 1Page - National Semiconductor (TI) CLC200 Datasheet HTML 2Page - National Semiconductor (TI) CLC200 Datasheet HTML 3Page - National Semiconductor (TI) CLC200 Datasheet HTML 4Page - National Semiconductor (TI) CLC200 Datasheet HTML 5Page - National Semiconductor (TI) CLC200 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
-3dB bandwidth of 95MHz
s
0.1% settling in 18ns
s
4000V/
µs slew rate
s
Low distortion, linear phase
s
3.6ns rise and fall times
Applications
s
Fast, precision A to D, D to A conversion
s
Baseband and video communications
s
Radar, sonar, IF processors
s
Laser drivers, photodiode preamps
s
High-density buffering
s
Graphic CRT composite video drive amp
General Description
Comlinear CLC200
Fast Settling, Wideband Operational Amplifiers
N
August 1996
Typical Performance
Package Dimensions
Bottom View
The CLC200 is constructed using thin film resistor/bipolar transis-
tor technology, and is available in the following versions:
CLC200AI
-25°C to +85°C
12-pin TO-8 can
CLC200A8C -55°C to +125°C
12-pin TO-8 can,
MIL-STD-883, Level B
CLC200AK
-55°C to +125°C
12-pin TO-8 can, features burn-in
and hermetic testing
CLC200AM
-55°C to +125°C
12-pin TO-8 can, screened to
Comlinear’s M std. for high reliability
DESC SMD number: 5962-89910
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
Not Intended For New Designs


Similar Part No. - CLC200

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8X CADEKA-CLC2000ISO8X Datasheet
2Mb / 18P
High Output Current Dual Amplifier
More results

Similar Description - CLC200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6118 NSC-LM6118 Datasheet
836Kb / 13P
Fast Settling Dual Operational Amplifiers
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Intersil Corporation
HA-5190 INTERSIL-HA-5190 Datasheet
88Kb / 8P
150MHz, Fast Settling Operational Amplifiers
September 1998
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
Fast-Settling Wideband OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2195 ELANTEC-EL2195 Datasheet
510Kb / 9P
Wideband Fast Settling Operational Amplifier
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM6118 TI1-LM6118 Datasheet
888Kb / 15P
Fast Settling Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com