Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1ASL Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ES1ASL
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ES1ASL Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ES1ASL Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ES1ASL Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ES1ASL Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ES1ASL Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ES1ASL Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1666, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ES1ASL THRU ES1JSL
ES1ASL THRU ES1JSL
SURFACE MOUNT SUPER FAST RECTIFIER
Features:
•
Glass passivated device
•
Ideal for surface mouted applications
•
Low reverse leakage
•
Metallurgically bonded construction
•
High temperature soldering guaranteed: 260 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg)
tension
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: JEDEC SOD-123SL molded plastic body over passivated chip
•
Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
•
Weight: 0.00058 ounce, 0.0165 grams
Mechanical Dimensions: In mm
SOD-123SL


Similar Part No. - ES1ASL

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ES1ASL RECTRON-ES1ASL Datasheet
179Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
SMC Diode Solutions Co....
ES1ASL SMCDIODE-ES1ASL Datasheet
360Kb / 4P
ES1ASL THRU ES1JSL SURFACE MOUNT SUPER FAST RECTIFIER
Rev. A
More results

Similar Description - ES1ASL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com