Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103DBT Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 69Page - Texas Instruments TAS3103DBT Datasheet HTML 70Page - Texas Instruments TAS3103DBT Datasheet HTML 71Page - Texas Instruments TAS3103DBT Datasheet HTML 72Page - Texas Instruments TAS3103DBT Datasheet HTML 73Page - Texas Instruments TAS3103DBT Datasheet HTML 74Page - Texas Instruments TAS3103DBT Datasheet HTML 75Page - Texas Instruments TAS3103DBT Datasheet HTML 76Page - Texas Instruments TAS3103DBT Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 146 page
background image
3−13
CAUTION: There is no soft transition implemented when changing bass and treble filter
sets; soft transitions only apply when adjusting gains (shelves) within a given filter set.
The variable TBLC should be set so that the dwell time at each shelf is never less than
32 audio sample periods; otherwise audio artifacts could be introduced into the audio
data stream.
Figure 3−12 summarizes the bass and treble adjustments available within each monaural channel. As noted in
Figure 3−12, the 3-dB frequency for the bass filter sets decreases in value as the filter set number is increased,
whereas the 3-dB frequency for the treble filter set increases in value as the filter set number is increased. The valid
selection for bass and treble sets ranges from 1 to 5.
Table 3−2 and Table 3−3 list, respectively, the bass and treble filter shelf selections for all 1/2 dB settings between
18-dB cut and 18-dB boost. The treble and bass selections are not the same, and the delta in the selection values
between 1/2 dB points are not constant across the 36-dB range. Table 3−2 and Table 3−3 do not list all 150 filter shelf
selections, but all 150 selection values for both bass and treble are valid, allowing the use of linear potentiometer or
GUI-based sliders. Table 3−2 and Table 3−3 are provided for those applications requiring the adjustment of bass and
treble in 1/2 dB steps.
CAUTION: Filter set selections 6 and 7 are illegal. Filter shelf selections 0 and 151
through 255 are illegal. Programming an illegal value could result in erratic and
erroneous behavior.
As an example, consider the case of a 44.1-kHz audio sample rate. For this audio rate it is desired to have, for all
three monaural channels
•
A 3-dB bass shelf corner frequency of 100 Hz
•
A bass shelf volume boost of 9 dB
•
A 3-dB treble shelf corner frequency of 8.1 kHz
•
A treble shelf volume cut of 4 dB
Bass and treble filter set selections can be made by referring to Figure 3−12. For a 44.1-kHz audio sample rate, filter
set 5 provides a 3-dB bass corner frequency at 115 Hz, and filter set 3 provides a 3-dB treble corner frequency at
8.269 kHz. These corner frequencies are the closest realizable corner frequencies to the specified 100-Hz bass and
8.1-kHz treble corner frequencies.
Table 3−2 provides the indices for achieving specified bass volume levels. An index of 0x55 yields a bass shelf gain
of 9 dB, which matches the specified shelf volume boost of 9 dB. Table 3−3 provides the indices for achieving specified
treble volume levels. An index of 0x7A yields a treble shelf cut of 4 dB (−4-dB gain), which matches the specified shelf
volume cut of 4 dB.
Figure 3−13 presents the resulting subaddress entries required to implement the parameters specified in the bass
and treble example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com