Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103DBT Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 75 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 71Page - Texas Instruments TAS3103DBT Datasheet HTML 72Page - Texas Instruments TAS3103DBT Datasheet HTML 73Page - Texas Instruments TAS3103DBT Datasheet HTML 74Page - Texas Instruments TAS3103DBT Datasheet HTML 75Page - Texas Instruments TAS3103DBT Datasheet HTML 76Page - Texas Instruments TAS3103DBT Datasheet HTML 77Page - Texas Instruments TAS3103DBT Datasheet HTML 78Page - Texas Instruments TAS3103DBT Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 146 page
background image
3−15
Table 3−3. Treble Shelf Filter Indices for 1/2-dB Adjustments
ADJUSTMENT
(DB)
INDEX(1)
ADJUSTMENT
(DB)
INDEX(1)
ADJUSTMENT
(DB)
INDEX(1)
18
0x01
5.5
0x63
−7
0x80
17.5
0x09
5
0x65
−7.5
0x81
17
0x10
4.5
0x66
−8
0x82
16.5
0x16
40
0x68
−8.5
0x83
16
0x1C
3.5
0x69
−9
0x84
15.5
0x22
3
0x6B
−9.5
0x85
15
0x28
2.5
0x6C
−10
0x86
14.5
0x2D
2
0x6D
−10.5
0x87
14
0x31
1.5
0x6F
−11
0x88
13.5
0x35
1
0x70
−11.5
0x89
13
0x3A
0.5
0x71
−12
0x8A
12.5
0x3E
0
0x72
−12.5
0x8B
12
0x42
−0.5
0x73
−13
0x8C
11.5
0x45
−1
0x74
−13.5
0x8D
11
0x49
−1.5
0x75
−14
0x8E
10.5
0x4C
−2
0x76
−14.5
0x8F
10
0x4F
−2.5
0x77
−15
0x90
9.5
0x52
−3
0x78
−15.5
0x91
9
0x55
−3.5
0x79
−16
0x92
8.5
0x57
−4
0x7A
−16.5
0x93
8
0x5A
−4.5
0x7B
−17
0x94
7.5
0x5C
−5
0x7C
−17.5
0x95
7
0x5E
−5.5
0x7D
−18
0x96
6.5
0x60
−6
0x7E
6
0x62
−6.5
0x7F
(1) CH1 Index is Subaddress 0xF8, Bit Field 7:0. CH2 Index is Subaddress 0xF8, Bit Field 15:8. CH3
Index is Subaddress 0xF8, Bit Field 23:16.
3.5.1
Treble and Bass Processing and Concurrent I2C Read Transactions
I2C read transactions at subaddresses 0x01 through 0xD1 are not allowed during: (1) transitions between filter
shelves within a given bass or treble filter set or (2) transitions between filter sets. This means that after issuing an
I2C command to change treble or bass filter shelves or filter sets, time must be allowed to complete the bass/treble
activity before proceeding to read subaddresses 0x01 through 0xD1. There is no subaddress available to directly
monitor bass/treble activity. However, there is a means of probing the state of bass/treble activity via the factory test
subaddresses 0xEC and 0xED.
If it is required to read subaddress data that falls in the subaddress range of 0x01 through 0xD1 after issuing an I2C
command to change treble or bass filter shelves or filter sets, the procedure presented in Figure 3−14 can be used
to monitor bass/treble activity. As Figure 3−14 shows, six readings must be taken to verify that none of the three
monaural channels have on-going bass or treble activity. If all six readings show the value zero in the 8th or least
significant byte of the 8-byte data word output at subaddress 0xED, then all commanded bass/treble activity has
completed and it is safe to resume I2C read transactions at subaddresses 0x01 through 0xD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com