Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103DBT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 12Page - Texas Instruments TAS3103DBT Datasheet HTML 13Page - Texas Instruments TAS3103DBT Datasheet HTML 14Page - Texas Instruments TAS3103DBT Datasheet HTML 15Page - Texas Instruments TAS3103DBT Datasheet HTML 16Page - Texas Instruments TAS3103DBT Datasheet HTML 17Page - Texas Instruments TAS3103DBT Datasheet HTML 18Page - Texas Instruments TAS3103DBT Datasheet HTML 19Page - Texas Instruments TAS3103DBT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 146 page
background image
1−8
TERMINAL
PULLUP/
DOWN(2)
DESCRIPTION
NAME
PULLUP/
DOWN(2)
DESCRIPTION
TYPE(1)
I/O
NO.
VDDS (3.3 V)
31
-
PWR
VDDS is the 3.3-V pin that powers (1) the 1.8-V internal power regulator used
to supply logic power to the chip and (2) the I/O ring. It is recommended that
this pin be bypassed to DVSS (pin 28) with a low ESR capacitor in the range of
0.01
µF.
None
XTALI (1.8-V logic)
4
I
A
XTALO and XTALI provide a master clock for the TAS3103 via use of an
external fundamental mode crystal. XTALI is the 1.8-V input port for the
oscillator circuit. See Note 3 for recommended crystal type and accompanying
circuitry. This pin should be grounded when the MCLKI pin is used as the
source for the master clock.
None
XTALO (1.8-V logic)
5
O
A
XTALO and XTALI provide a master clock for the TAS3103 via use of an
external fundamental mode crystal. XTALO is the 1.8-V output drive to the
crystal. XTALO can support crystal frequencies between 2.8 MHz and
20 MHz. See Note 3 for recommended crystal type and accompanying
circuitry. This pin should be left unconnected in applications using an external
clock input to MCLKI.
None
NOTES:
1. TYPE: A = analog; D = 3.3-V digital; PWR = power/ground/decoupling
2. All pullups are 20-
µA weak pullups and all pulldowns are 20-µA weak pulldowns. The pullups and pulldowns are included to assure
proper input logic levels if the pins are left unconnected (pullups => logic 1 input; pulldowns => logic 0 input). Devices that drive inputs
with pullups must be able to sink 20
µA while maintaining a logic 0 drive level. Devices that drive inputs with pulldowns must be able
to source 20
µA, while maintaining a logic 1 drive level.
3. Crystal type and recommended circuit:
OSC
Circuit
XO
XI
C1
C2
rd
AVSS
TAS3103
•
Crystal type = parallel-mode, fundamental-mode crystal
•
rd = drive level control resistor—vendor specified
•
CL = Crystal load capacitance (capacitance of circuitry between the two terminals of the crystal)
•
CL = (C1 × C2) / (C1 + C2) + CS (where CS = board stray capacitance ~2 pF)
−
Example: Vendor recommended CL = 18 pF, CS = 3 pF ⇒ C1 = C2 = 2 x (18 − 3) = 30 pF
1.7
Operational Modes
The TAS3103 operation is governed by I/O terminal voltage level settings and register / coefficient settings within the
TAS3103. The terminal settings are wholly sufficient to address all external environments - allowing the remaining
configuration settings to be determined by either I2C commands or by the content of an I2C serial EEPROM (when
the I2C master mode is selected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com