Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103DBT Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103DBT
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103DBT Datasheet(HTML) 102 Page - Texas Instruments

Back Button TAS3103DBT Datasheet HTML 98Page - Texas Instruments TAS3103DBT Datasheet HTML 99Page - Texas Instruments TAS3103DBT Datasheet HTML 100Page - Texas Instruments TAS3103DBT Datasheet HTML 101Page - Texas Instruments TAS3103DBT Datasheet HTML 102Page - Texas Instruments TAS3103DBT Datasheet HTML 103Page - Texas Instruments TAS3103DBT Datasheet HTML 104Page - Texas Instruments TAS3103DBT Datasheet HTML 105Page - Texas Instruments TAS3103DBT Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 146 page
background image
3−42
−220
−220
−210
−200
−190
−180
−170
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
T1/T2
DRC INPUT (dB)
1:1 Transfer Function
Implemented Transfer Function
Slope change points
−210
−170
−180
−190
−200
−140 −130 −120 −110 −100 −90
−160 −150
−80
−70
−60
−50
−40
−30
−20
−10
0
k0 = 2:1
30 dB
−14.7 dB
O1 = 10 dB
O2 = −20 dB
−192 dB
k2 =
∞:1
k = 1:1
(32-Bit Dynamic
Range Saturation)
k = 1:1
(Minimum Gain Saturation)
Figure 3−25. DRC Transfer Curve—Example 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com