Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC206 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC206
Description  Overdrive-Protected Wideband Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC206 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC206 Datasheet HTML 1Page - National Semiconductor (TI) CLC206 Datasheet HTML 2Page - National Semiconductor (TI) CLC206 Datasheet HTML 3Page - National Semiconductor (TI) CLC206 Datasheet HTML 4Page - National Semiconductor (TI) CLC206 Datasheet HTML 5Page - National Semiconductor (TI) CLC206 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
-3dB bandwidth of 180MHz
s
70MHz large signal bandwidth (20Vpp)
s
0.1% settling in 19ns
s
Overdrive protected
s
Output may be current limited
s
Stable without compensation
s
3M
Ω inout impedance
Applications
s
Fast, precision A/D conversion
s
Automatic test equipment
s
Input/output amplifiers
s
Photodiode, CCD preamps
s
High-speed modems, radios
s
Line drivers
General Description
Comlinear CLC206
Overdrive-Protected Wideband Op Amp
N
August 1996
Typical Performance
Package Dimensions
Bottom View
The CLC206 is constructed using thin film resistor/bipolar tran-
sistor technology, and is available in the following versions:
CLC206AI
-25°C to +85°C
12-pin TO-8 can
CLC206A8C -55°C to +125°C 12-pin TO-8 can,
MIL-STD-883, Level B
CLC206AK -55°C to +125°C 12-pin TO-8 can, features burn-in
and hermetic testing
CLC206AM -55°C to +125°C 12-pin TO-8 can, screened to
Comlinear’s M standard for high
reliability
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
Not Intended For New Designs


Similar Part No. - CLC206

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
Fast Settling, Wideband Operational Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2000ISO8 CADEKA-CLC2000ISO8 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Exar Corporation
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC206

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
Overdrive-Protected Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
Overdrive-Protected Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH205 CADEKA-KH205 Datasheet
264Kb / 7P
Overdrive-Protected Wideband Op Amp
KH206 CADEKA-KH206 Datasheet
415Kb / 5P
Overdrive-Protected Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com