Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8030 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8030
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8030 Datasheet HTML 9Page - NXP Semiconductors TDA8030 Datasheet HTML 10Page - NXP Semiconductors TDA8030 Datasheet HTML 11Page - NXP Semiconductors TDA8030 Datasheet HTML 12Page - NXP Semiconductors TDA8030 Datasheet HTML 13Page - NXP Semiconductors TDA8030 Datasheet HTML 14Page - NXP Semiconductors TDA8030 Datasheet HTML 15Page - NXP Semiconductors TDA8030 Datasheet HTML 16Page - NXP Semiconductors TDA8030 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
2003 Jul 04
13
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
8
FUNCTIONAL DESCRIPTION
Throughout this specification, it is assumed that the reader
is aware of ISO7816 and USB norms terminology.
8.1
ISO7816 UART AND ASSOCIATED LOGIC
This section describes how the integrated ISO7816 UART
operates, how it can be programmed by means of its
control registers and how it is internally interfaced to the
embedded microcontroller.
8.1.1
INTERFACE CONTROL
The ISO7816 UART can be controlled via an 8-bit parallel
bus. This bus is directly (internally) connected to Port 0
(P07 to P00) of the embedded 83C51 microcontroller.
The registers within the ISO7816 UART may be written to
or read from by using the standard 83C51 MOVX
instructions. It should be noted, that only if pin P27/A15 is
HIGH, can the UART be accessed.
When pin P27/A15 is HIGH, the demultiplexing of address
and data is done internally by means of the ALE signal.
A LOW pulse on pin P37/RD enables the selected register
to be read, a LOW pulse on pin P36/WR enables the
selected register to be written to.
The ISO UART interrupt line is directly connected to the
microcontrollers External Interrupt 0 input, pin P32/INT0.
For that reason, the External Interrupt 0 of the 83C51
microcontroller must be enabled to ensure a proper
function.
handbook, full pagewidth
MGU885
ALE
CS
D0 to D7
RD
WR
data read
address
address
data write
Fig.5 Control via MOVX instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com