Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8030 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8030
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8030 Datasheet HTML 17Page - NXP Semiconductors TDA8030 Datasheet HTML 18Page - NXP Semiconductors TDA8030 Datasheet HTML 19Page - NXP Semiconductors TDA8030 Datasheet HTML 20Page - NXP Semiconductors TDA8030 Datasheet HTML 21Page - NXP Semiconductors TDA8030 Datasheet HTML 22Page - NXP Semiconductors TDA8030 Datasheet HTML 23Page - NXP Semiconductors TDA8030 Datasheet HTML 24Page - NXP Semiconductors TDA8030 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
2003 Jul 04
21
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
8.1.4.5
UART status register
The UART Status Register (USR) is used by the microcontroller to monitor the activity of the ISO UART and of the
time-out counter.
Table 15 UART status register (address 0EH; read only); note 1
Note
1. All bits are cleared after reset.
Table 16 Description of the USR bits
76543210
TO3
−
TO1
EA
PE
OVR
FER
TBE/RBF
BIT
SYMBOL
DESCRIPTION
7
TO3
Time-Out counter 3: Bit TO3 = 1 when counter 3, or counters3+2 or counters
3 + 2 + 1 have reached their terminal count.
6
−
not used
5
TO1
Time-Out counter 1: Bit TO1 = 1 when counter 1 has reached its terminal count.
4
EA
Early Answer: When bit RST is LOW, EA is HIGH if the first start bit on the I/O during
ATR has been detected between 200 and 384 clock pulses (all activities on the I/O
during the first 200 clock pulses with RST LOW are not taken into account). When RST
is HIGH, EA is HIGH if a start bit has been detected before the 384th clock pulse. These
two features are reinitialized at each toggling of RST.
3
PE
Parity Error: In T = 0 protocol, PE = 1 if the UART has detected a number of received
characters with parity error equal to the number written in PEC2, PEC1 and PEC0 or if a
transmitted character has been NAKed by the card a number of times equal to the value
programmed in PEC2, 1 and 0. It is set at 10.5 ETU in reception mode and at 11.5 ETU
in transmission mode.
In T = 0 protocol, a character received with a parity error is not stored in the FIFO, the
card is supposed to repeat this character. In T = 1 protocol, a character with a parity
error is stored in the FIFO and the parity error counter is not operating.
2
OVR
Overrun: Bit OVR = 1 if the UART has received a new character while the URR was full.
In this case, at least one character has been lost. OVR is set at 10.5 ETU.
1
FER
Framing Error: Bit FER = 1 when the I/O was not in high-impedance state at 10.25 ETU
after a start bit. It is reset when the USR has been read-out.
0
TBE/RBF
Transmission Buffer Empty/Reception Buffer Full: Bits TBE and RBF share the same bit
within the USR. When in transmission mode the relevant bit is TBE; when in reception
mode it is RBF.
Bit TBE = 1 when the UART is in transmission mode and when the microcontroller may
write the next character to transmit in the UTR. It is reset when the microcontroller has
written data in the Transmit Register, or when the bit T/R within UCR1 has been reset
either automatically or by software. TBE is set at 11.5 ETU in T = 0 protocol and at
10.5 ETU in T = 1 protocol.
Bit RBF = 1 when the FIFO is full. The microcontroller may read some of the characters
in the URR, which clears the bit RBF. Bit RBF is also reset when entering the reception
mode and is set at 10.5 ETU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com