Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8030 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8030
Description  USB smart card reader (OTP or ROM)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8030 Datasheet HTML 14Page - NXP Semiconductors TDA8030 Datasheet HTML 15Page - NXP Semiconductors TDA8030 Datasheet HTML 16Page - NXP Semiconductors TDA8030 Datasheet HTML 17Page - NXP Semiconductors TDA8030 Datasheet HTML 18Page - NXP Semiconductors TDA8030 Datasheet HTML 19Page - NXP Semiconductors TDA8030 Datasheet HTML 20Page - NXP Semiconductors TDA8030 Datasheet HTML 21Page - NXP Semiconductors TDA8030 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
2003 Jul 04
18
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
8.1.4
ISO UART REGISTERS
8.1.4.1
UART transmit register
When the microcontroller wants to transmit a character to
the card, it writes the data in direct convention in this
register.
The transmission:
• Starts at the end of this writing (2 clock cycles after the
rising edge of WR) if the previous character has been
transmitted and if the extra guard time has expired
• Starts at the end of the extra guard time if this one has
not expired
• Starts at 13.5 ETU in manual mode and 15 ETU in
automatic mode if the previous character has been
NAKed by the card; see Section 8.1.4.4
• Does not start if the transmission of the previous
character is not completed.
When the transmission is completed:
• In T = 0, bit TBE is set at 11.5 ETU, and bit PE in the
event of parity error
• In T = 1, bit TBE is set at 10.5 ETU.
In the event of synchronous cards (bit SAN set within
UCR2), UT0 is only relevant and is copied on the I/O of the
card. It is possible to write within the UTR before setting
the transmission mode, which may be useful in some
cases.
Table 9
UART transmit register (address 0DH; write only); note 1
Note
1. All bits are cleared after reset.
76543210
UT7
UT6
UT5
UT4
UT3
UT2
UT1
UT0
8.1.4.2
UART receive register
When the microcontroller wants to read data from the card,
it reads it from this register in direct convention.
In the event of synchronous cards, only UR0 is relevant
and is a copy of the state of the card I/O.
In the event of parity error:
• The bit PE in the status register USR is set at 10.5 ETU
and INT0 falls LOW
• In protocol T = 0, the received byte is not stored in URR;
In protocol T = 1, the received byte is stored.
In both protocols, when a character has been stored, then
the bit RBF in the status register USR is set at 10.5 ETU.
This bit is reset when the character has been read from the
URR.
When the URR is empty, then bit FE (in the MSR) is set as
long as no character has been received.
Table 10 UART receive register (address 0DH; read only); note 1
Note
1. All bits are cleared after reset.
76543210
UR7
UR6
UR5
UR4
UR3
UR2
UR1
UR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com