Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN612 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN612
Description  HIGH SURGE CAPABILITY HIGH ON-STATE CURRENT HIGH STABILITY AND RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612 Datasheet(HTML) 1 Page - STMicroelectronics

  TYN612 Datasheet HTML 1Page - STMicroelectronics TYN612 Datasheet HTML 2Page - STMicroelectronics TYN612 Datasheet HTML 3Page - STMicroelectronics TYN612 Datasheet HTML 4Page - STMicroelectronics TYN612 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TXN/TYN 0512 --->
TXN/TYN 1012
April 1995
SCR
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180
° conduction angle)
TXN
TYN
Tc=80
°C
Tc=90
°C
12
A
IT(AV)
Average on-state current
(180
° conduction angle,single phase circuit)
TXN
TYN
Tc=80
°C
Tc=90
°C
8A
ITSM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
tp=8.3 ms
125
A
tp=10 ms
120
I2tI2t value
tp=10 ms
72
A2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 100 mA diG/dt = 1 A/µs
100
A/
µs
Tstg
Tj
Storage and operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
°C
Tl
Maximum lead temperature for soldering during 10 s at 4.5 mm
from case
260
°C
TO220AB
(Plastic)
K
A
G
.
HIGH SURGE CAPABILITY
.
HIGH ON-STATE CURRENT
.
HIGH STABILITY AND RELIABILITY
.
TXN Serie :
INSULATED VOLTAGE = 2500V(RMS)
(UL RECOGNIZED : E81734)
DESCRIPTION
Symbol
Parameter
TYN/TXN
Unit
0512
112
212
412
612
812
1012
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
50
100
200
400
600
800
1000
V
ABSOLUTE RATINGS (limiting values)
FEATURES
The TYN/TXN 0512 ---> TYN/TXN 1012 Family
of Silicon Cont rolled Rectifiers uses a high per-
formance glass passivated technology.
This general purpose Family of Silicon Controlled
Rectifiers is designed for power supplies up to
400Hz on resistive or inductive load.
1/5


Similar Part No. - TYN612

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612 STMICROELECTRONICS-TYN612 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
logo
Tiger Electronic Co.,Lt...
TYN612 TGS-TYN612 Datasheet
90Kb / 1P
Glass passivated thyristors in a plastic envelope
logo
STMicroelectronics
TYN612 STMICROELECTRONICS-TYN612 Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Inchange Semiconductor ...
TYN612 ISC-TYN612 Datasheet
226Kb / 2P
isc Thyristors
logo
HAOPIN MICROELECTRONICS...
TYN612 HAOPIN-TYN612 Datasheet
346Kb / 6P
Blocking voltage to 600 V
More results

Similar Description - TYN612

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
High stability and high reliability
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
High stability and high reliability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
High surge current capability
logo
Nanjing International G...
1SS400 DGNJDZ-1SS400 Datasheet
5Mb / 4P
High reliability with high surge current handing capability
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
High Surge Current Capability
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
High surge current capability
04-Dec-14
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
High surge current capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com