Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM2-D Datasheet(PDF) 2 Page - CUI INC

Part # PEM2-D
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM2-D Datasheet(HTML) 2 Page - CUI INC

  PEM2-D Datasheet HTML 1Page - CUI INC PEM2-D Datasheet HTML 2Page - CUI INC PEM2-D Datasheet HTML 3Page - CUI INC PEM2-D Datasheet HTML 4Page - CUI INC PEM2-D Datasheet HTML 5Page - CUI INC PEM2-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PEM2-D │ DESCRIPTION: DC-DC CONVERTER
date 01/29/2015
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
4.5
10.8
13.5
21.6
5
12
15
24
5.5
13.2
16.5
26.4
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
5 Vdc input models
12 Vdc input models
15 Vdc input models
24 Vdc input models
-0.7
-0.7
-0.7
-0.7
9
18
21
30
Vdc
Vdc
Vdc
Vdc
filter
capacitance filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
for Vin change of 1%
±1.2
%
load regulation
measured from 10%~100% load
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
10
9
8
7
%
%
%
%
voltage accuracy
see tolerance envelope curve
switching frequency
100% load, nominal input voltage
100
300
kHz
temperature coefficient
at 100% load
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection1
1
s
Note:
1. The supply voltage must be discontinued at the end of the short circuit duration
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA max.
3,000
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
safety approvals2
UL 60950-1
conducted emissions
CISPR22/EN55022, class B, external circuit required
radiated emissions
CISPR22/EN55022, class B, external circuit required
ESD
IEC/EN61000-4-2, class B, contact ± 8kV for single outputs
IEC/EN61000-4-2, class B, contact ± 6kV for dual outputs
MTBF
as per MIL-HDBK-217F @ 25°C
3,500,000
hours
RoHS
2011/65/EU
Note:
2. See specific models noted on page 1
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
Ta=25°C, 100% load
25
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com