Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM2-D Datasheet(PDF) 3 Page - CUI INC

Part # PEM2-D
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM2-D Datasheet(HTML) 3 Page - CUI INC

  PEM2-D Datasheet HTML 1Page - CUI INC PEM2-D Datasheet HTML 2Page - CUI INC PEM2-D Datasheet HTML 3Page - CUI INC PEM2-D Datasheet HTML 4Page - CUI INC PEM2-D Datasheet HTML 5Page - CUI INC PEM2-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PEM2-D │ DESCRIPTION: DC-DC CONVERTER
date 01/29/2015
│ page 3 of 6
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering
see wave soldering profile
260
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
20.32 x 10.16 x 8.2 (0.800 x 0.400 x 0.323 inch)
mm
case material
epoxy resin (UL94-V0)
weight
2.4
g
MECHANICAL DRAWING
Top View
PCB Layout
Front View
Bottom View
PIN CONNECTIONS
PIN
Single Output
Dual Output
1
GND
GND
7
NC
NC
8
+Vo
+Vo
9
NO PIN
0V
10
0V
-Vo
14
Vin
Vin
units: mm[inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
10 Sec. Max.
Wave Soldering Time
4 Sec. Max.
Peak Temp. 260°C Max.
Time (sec.)
250
200
150
100
50
0
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com