Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM2-D Datasheet(PDF) 4 Page - CUI INC

Part # PEM2-D
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM2-D Datasheet(HTML) 4 Page - CUI INC

  PEM2-D Datasheet HTML 1Page - CUI INC PEM2-D Datasheet HTML 2Page - CUI INC PEM2-D Datasheet HTML 3Page - CUI INC PEM2-D Datasheet HTML 4Page - CUI INC PEM2-D Datasheet HTML 5Page - CUI INC PEM2-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PEM2-D │ DESCRIPTION: DC-DC CONVERTER
date 01/29/2015
│ page 4 of 6
EMC RECOMMENDED CIRCUIT
Recommended external circuit components
Vin
(Vdc)
C1
C2
LDM
5
4.7μF/50V
-
6.8μH
12
4.7μF/50V
470pF/3kV
6.8μH
15
4.7μF/50V
470pF/3kV
6.8μH
24
4.7μF/50V
470pF/3kV
6.8μH
Vin
GND
+Vo
-Vo
()
0V
DC /DC
LOAD
LDM
C1
C2
Vin
GND
Cout
DERATING CURVES
Note:
1. See Table 2 for Cout values.
100
80
60
40
20
Ambient Temperature (°C)
-40-20
0204060
85
105 120
Temperature Derating Curve
Safe operating area
10
20
30
40
50
60
70
80
90
100
10
-10
0
2.5
5
7.5
-2.5
-5
-7.5
Typical Load
Line
Rated Output Voltage
2.5
-2.5
-7.5
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve
Figure 1
Table 1
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com