Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2890 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2890
Description  DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2890 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2890 Datasheet HTML 1Page - RF Micro Devices RF2890 Datasheet HTML 2Page - RF Micro Devices RF2890 Datasheet HTML 3Page - RF Micro Devices RF2890 Datasheet HTML 4Page - RF Micro Devices RF2890 Datasheet HTML 5Page - RF Micro Devices RF2890 Datasheet HTML 6Page - RF Micro Devices RF2890 Datasheet HTML 7Page - RF Micro Devices RF2890 Datasheet HTML 8Page - RF Micro Devices RF2890 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
8-412
RF2890
Rev A4 040421
Evaluation Board Current Measurement
NOTES:
All IDC current numbers include bias circuitry current of 1.5mA to 2.0mA (dependent on mode).
TX Buffer On (=1): Add 2mA to total current.
DIV SEL On (=0): Add 2mA to total current.
“X” denotes setting does not impact current.
Cascaded Performance (Typical Values for VCC=2.75V)
NOTE: All total current numbers include bias circuitry current of 1.5mA to 2.0mA (dependent on mode).
BAND
SEL
ENABLE
VG1
VG2
TX BUFF
ENAB
DIV
SEL
IDC
(mA)
CDMA Cellular
ISET2=7.5k
Ω
High Gain Mode,
TX Buffer Off, /2 Off
01
0
0
0
1
23.5
Mid Gain Mode,
TX Buffer Off, /2 Off
01
1
0
0
1
20.5
Low Gain Mode,
TX Buffer Off, /2 Off
01
1
1
0
1
16.5
Alternate Low Gain Mode,
TX Buffer Off, /2 Off
01
0
1
0
1
16.5
GPS
ISET2=7.5k
Ω
GPS Mode
1
1
X
X
X
1
15.5
Parameter
CELL CDMA
HIGH GAIN
MID GAIN
LOW GAIN
Cascaded:
Gain (dB)
23.5
16.0
6.0
Noise Figure (dB)
2.0
5.5
13.0
Input IP3 (dBm)
-3.7
+3.4
+13.5
Total Current (mA)
23.5
20.5
16.5
NOTE: Assumes 2.5dB image filter insertion loss. The TX Buffer is off (TX
BUFF ENAB=0). DIV SEL function is off (=1).
Parameter
GPS
Cascaded:
Gain (dB)
32.5
Noise Figure (dB)
1.8
Input IP3 (dBm)
-18.0
Total Current (mA)
15.5
NOTE: Assumes 1.5dB image filter insertion loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com