Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2890 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2890
Description  DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2890 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2890 Datasheet HTML 5Page - RF Micro Devices RF2890 Datasheet HTML 6Page - RF Micro Devices RF2890 Datasheet HTML 7Page - RF Micro Devices RF2890 Datasheet HTML 8Page - RF Micro Devices RF2890 Datasheet HTML 9Page - RF Micro Devices RF2890 Datasheet HTML 10Page - RF Micro Devices RF2890 Datasheet HTML 11Page - RF Micro Devices RF2890 Datasheet HTML 12Page - RF Micro Devices RF2890 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
8-417
RF2890
Rev A4 040421
Application Schematic
GPS LC Filter
CDMA IF SAW Filter
33 nF
33 nH
33 nF
1.8 nH
1.2 pF
G1
4.7 nH
10 pF
22 nH
30
Ω
33 nF
33 nF
15 nH
TX BUFF
ENAB
ENABLE
DIV
SEL
33 nF
33 nF
33 nH
16 k
Ω 7.5 kΩ
1
3
2
6
24
23
22
21
20
19
4
5
12
18
15
17
16
14
13
10
9
7
8
11
/2
5.6 nH
33 nF
V
CC
CELL LNA IN
DNI
GPS LNA IN
GPS
RF
SAW
G2
BAND
SEL
V
CC
V
CC1
LO IN
V
CC2
LO OUT
33 nH
CELL
RF
SAW
L5
(0603
Wire-wound
Coilcraft)
L6
(0603
Wire-wound
Coilcraft)
V
CC
R1
C7
C8
C9
L7
(0603
Wire-wound
Coilcraft)
CDMA IF
(IFSAW1)
SAW
CDMA
L1
(0603
Wire-wound
Coilcraft)
L2
(0603
Wire-wound
Coilcraft)
V
CC
R1
C1
C2
GPS
8.2 nH
10 nH
6.2 pF
0
Ω
0
Ω
IF Frequency
CDMA IF OUTPUT
184 MHz
85 MHz
C7
1.8 pF
22 pF
R1
DNI
DNI
L5
68 nH
68 nH
L6
68 nH
68 nH
C8
5.6 pF
7.5 pF
C9
5.6 pF
7.5 pF
L7
47 nH
270 nH
IF SAW 1
EPCOS B4955
LG LG0085G2
IF Frequency
GPS IF OUTPUT
184 MHz
C1
DNI
R1
10 k
Ω
L1
330 nH
L2
220 nH
C2
5.6 pF
C3
9 pF
L3
82 nH
C4
10 nF
C5
9 pF
L4
82 nH
C6
1 nF
C3
L3
(0603
Wire-wound
Coilcraft)
C4
C5
C6
Note 1: L3, L4, L5, L6, and L7 may be substituted with 0402 wire-wound inductors of the same value.
Note 2: For single-ended configurations, C3 and C6 are removed.
Note 3: L1 and L2 must be 0603 wire-wound inductors to achieve datasheet performance.
Note 4: If system specifications allow the removal of the GPS RF SAW Filter, see diagram below for
pin 6 and pin 7 connections.
*Note 4
6
7
4.7 nH
10 pF
22 nH
30
Ω
33 nF
33 nF
15 nH
V
CC
8.2 nH
L4
(0603
Wire-wound
Coilcraft)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com