Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2890 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2890
Description  DUAL-BAND CDMA CELLULAR/GPS LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2890 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2890 Datasheet HTML 1Page - RF Micro Devices RF2890 Datasheet HTML 2Page - RF Micro Devices RF2890 Datasheet HTML 3Page - RF Micro Devices RF2890 Datasheet HTML 4Page - RF Micro Devices RF2890 Datasheet HTML 5Page - RF Micro Devices RF2890 Datasheet HTML 6Page - RF Micro Devices RF2890 Datasheet HTML 7Page - RF Micro Devices RF2890 Datasheet HTML 8Page - RF Micro Devices RF2890 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-409
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
CELL
LNA IN
CELL
LNA EMITTER
CELL
LNA OUT
GPS
LNA IN
VG1
GPS
LNA OUT
LO OUT
TX BUFF
ENAB
CDMA IF-
CDMA IF+
GPS IF-
GPS IF+
1
3
2
6
24
23
22
21
20
19
4
5
12
18
15
17
16
14
13
10
9
7
8
11
/2
RF2890
DUAL-BAND CDMA CELLULAR/GPS
LOW NOISE AMPLIFIER/MIXER
• CDMA Cellular/GPS Applications
• JCDMA/GPS Applications
• AMPS/GPS Applications
• CDMA Modem/Data Cards
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2890 is a high performance dual band CDMA Cel-
lular and GPS LNA/mixer. An integrated optional LO pres-
caler allows VCO flexibility. The device is designed to
exceed all sensitivity, intermodulation and single-tone
requirements. The RF2890 is designed for three state
gain control solutions (17.5dB of gain control) for cellular
band IMD testing. The device offers a dedicated low cur-
rent (15.5mA) GPS LNA/mixer with 32.5dB gain. An inte-
grated TX LO buffer is also included. The design is
flexible, in that the bias currents may be set using off-chip
current reference resistors for the mixer and LNA blocks.
Noise figure, IIP3, and other specifications are designed
to be compatible with the TIA/EIA 98D standard for
CDMA cellular communications. The device is packaged
in a plastic, 4mmx4mm QFN.
• Optional Divide-by-Two LO Prescaler
allows VCO Flexibility
• Three Gain State Cellular LNA
• High IIP3 (8.5dBm) Cellular Mixer
• Full ESD Protection on all Pins
• 15.5mA GPS LNA/Mixer Solution
RF2890
Dual-Band CDMA Cellular/GPS Low Noise
Amplifier/Mixer
RF2890PCBA-410
Fully Assembled Evaluation Board
0
Rev A4 040421
Dimensions in mm
0.05 C
SEATING
PLANE
12°
MAX
-C-
0.05
0.00
0.70
0.65
0.90
0.85
Top View
-A-
3
1.87 TYP
3.75 SQ
0.15 C A
2 PLCS
-B-
4.00 SQ
2.00 TYP
0.15 C B
2 PLCS
0.15 C A
2 PLCS
0.15 C B
2 PLCS
NOTES:
1
Shaded lead is pin 1.
Dimension applies to plated terminal: to be measured between 0.20 mm and 0.25 mm from terminal end.
Pin 1 identifier must exist on top surface of package by identification mark or feature on the package body.
2
3
0.50
0.30
TYP
PIN 1 ID
0.20 R
0.60
0.24
TYP
C
0.10 M
A B
2
0.30
0.18
0.50
Bottom View
2.49
2.19
SQ.
Package Style: QFN, 24-Pin, 4x4


Similar Part No. - RF2890

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2899D0050 ADAM-TECH-RF2899D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF2899D0075 ADAM-TECH-RF2899D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF2899DAS50 ADAM-TECH-RF2899DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
RF2899DAS75 ADAM-TECH-RF2899DAS75 Datasheet
154Kb / 1P
RF CONNECTORS
RF2899P0050 ADAM-TECH-RF2899P0050 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF2890

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2489 RFMD-RF2489 Datasheet
490Kb / 16P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF3404 RFMD-RF3404 Datasheet
202Kb / 12P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2489 RFMD-RF2489_07 Datasheet
797Kb / 30P
DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com