Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3770ASOT Datasheet(PDF) 4 Page - Ericsson

Part # PBL3770ASOT
Description  High Performance Stepper Motor Drive Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3770ASOT Datasheet(HTML) 4 Page - Ericsson

  PBL3770ASOT Datasheet HTML 1Page - Ericsson PBL3770ASOT Datasheet HTML 2Page - Ericsson PBL3770ASOT Datasheet HTML 3Page - Ericsson PBL3770ASOT Datasheet HTML 4Page - Ericsson PBL3770ASOT Datasheet HTML 5Page - Ericsson PBL3770ASOT Datasheet HTML 6Page - Ericsson PBL3770ASOT Datasheet HTML 7Page - Ericsson PBL3770ASOT Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PBL 3770A
4
Figure 3. Pin configurations.
Pin Description
SO
DIP
PLCC
Symbol
Description
11
10
M
B
Motor output B, Motor current flows from M
A to MB when Phase is high.
2
2
11
T
Clock oscillator. Timing pin connect a 56 k
Ω resistor and a 820 pF in
parallel between T and Ground.
3
3,14
12,4
V
MM
Motor supply voltage, 10 to 40 V. Pin 3(12) and pin 14(4) should be wired together.
4-7,
4,5,
1-3,9,
GND
Ground and negative supply. Note these pins are used for heatsinking.
14-18
12,13
13-17,28
Make sure that all ground pins are soldered onto a suitable large copper
ground plane for efficient heat sinking.
86
18
V
CC
Logic voltage supply normally +5 V.
97
19
I
1
Logic input. It controls, together with the I0 input, the current level in the output stage.
The controlable levels are fixed to 100, 60, 20, 0%.
10
8
20
Phase
Controls the direction of the motor current of M
A and MB outputs.
Motor current flows from M
A to MB when the phase input is high.
11
9
21
I
0
Logic input. It controls, together with the I1 input, the current level in the output stage.
The controlable levels are fixed to 100, 60, 20, 0%.
12
10
23
C
Comparator input. This input senses the instaneous voltage across the sensing
resistor, filtered through a RC Network.
13
11
24
V
R
Reference voltage. Controls the threshold voltage of the comparator and hence
the output current. Input resistance: typically 6.8 k
Ω ± 20%.
19
15
6
M
A
Motor output A, Motor current flows from M
A to MB when Phase is high.
20
16
8
E
Common emitter. Connect the Sence resistor between this pin and ground.
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
I1
VR
M
B
VCC
T
VMM
GDN
E
Phase
0
C
19
20
GDN
GDN
GDN
GDN
GDN
GDN
GDN
VMM
M
A
PBL
3770A
I
B
T
MM
GND
GND
CC
1
Phase
E
M
GND
GND
V
C
I
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
VMM
R
0
I
V
V
M
PBL
3770A
N/C
A
N/C
E
GND
B
T
N/C
V
C
N/C
I
Phase
I
5
6
7
8
9
10
11
25
24
23
22
21
20
19
R
0
1
M
M
PBL
3770A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com