Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3770ASOT Datasheet(PDF) 8 Page - Ericsson

Part # PBL3770ASOT
Description  High Performance Stepper Motor Drive Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3770ASOT Datasheet(HTML) 8 Page - Ericsson

  PBL3770ASOT Datasheet HTML 1Page - Ericsson PBL3770ASOT Datasheet HTML 2Page - Ericsson PBL3770ASOT Datasheet HTML 3Page - Ericsson PBL3770ASOT Datasheet HTML 4Page - Ericsson PBL3770ASOT Datasheet HTML 5Page - Ericsson PBL3770ASOT Datasheet HTML 6Page - Ericsson PBL3770ASOT Datasheet HTML 7Page - Ericsson PBL3770ASOT Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PBL 3770A
8
Sensor resistor
The R
S resistor should be of a non-
inductive type power resistor. A 0.5 ohm
resistor, tolerance
≤ 1%, is a good
choice for 800 mA max motor current at
V
R = 5V.
The peak motor current, i
m , can be
calculated by using the formula:
i
m = (VR • 0.080) / RS [A],
at 100% level
External recirculation diodes
Recirculation diodes must be connected
across each motor terminal and the
supply voltage, V
MM. The anodes shall be
connected to the motor terminals and
the cathodes to the V
MM voltage. Ultra-
fast recovery diodes should be used for
maximum performance and reliability.
Ordering Information
Package
Part No.
DIP Tube
PBL 3770ANS
PLCC Tube
PBL 3770AQNS
PLCC Tape & Reel
PBL 3770AQNT
SO Tube
PBL 3770ASOS
SO Tape & Reel
PBL 3770ASOT
Information given in this data sheet is believed to be
accurate and reliable. However no responsibility is
assumed for the consequences of its use nor for any
infringement of patents or other rights of third parties
which may result from its use. No license is granted
by implication or otherwise under any patent or
patent rights of Ericsson Components AB. These
products are sold only according to Ericsson
Components' general conditions of sale, unless
otherwise confirmed in writing.
Specifications subject to change
without notice.
1522-PBL 3770/6Uen. Rev E
© Ericsson Components AB 1999
Figure 15. Copper foil used as a heatsink.
Figure 14. Heatsinks, Staver, type V7 and V8 by Columbia-Staver UK.
Figure 12. Typical power dissipation vs.
motor current.
PD (W)
2.0
1.5
1.0
.5
0
0
.50
1.0
1.5
IM (A)
2.5
VMM = 36 V
VMM = 12 V
3.0
Figure 13. Allowable power dissipation
vs. ambient temperature.
50
150
TAmb (°C)
0
2.0
4.0
3.0
1.0
PD (W)
100
With
Staver
V8
(37.5
°C/W)
PCB
heatsink
(40
°C/W)
Ericsson Components AB
SE-164 81 Kista-Stockholm, Sweden
Telephone: +46 8 757 50 00
38.0
mm
18,5 mm
38.0
mm
33,5 mm
Thermal resistance [
°C/W]
PCB copper foil area [cm ]
2
90
80
70
60
50
40
30
510
15
20
30
35
25
PLCC package
DIP package
16-pin
DIP
20-pin
SO
28-pin
PLCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com