Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3770ASOT Datasheet(PDF) 3 Page - Ericsson

Part # PBL3770ASOT
Description  High Performance Stepper Motor Drive Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL3770ASOT Datasheet(HTML) 3 Page - Ericsson

  PBL3770ASOT Datasheet HTML 1Page - Ericsson PBL3770ASOT Datasheet HTML 2Page - Ericsson PBL3770ASOT Datasheet HTML 3Page - Ericsson PBL3770ASOT Datasheet HTML 4Page - Ericsson PBL3770ASOT Datasheet HTML 5Page - Ericsson PBL3770ASOT Datasheet HTML 6Page - Ericsson PBL3770ASOT Datasheet HTML 7Page - Ericsson PBL3770ASOT Datasheet HTML 8Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PBL 3770A
3
Electrical Characteristics
Electrical characteristics over recommended operating conditions. C
T = 820 pF, RT = 56 kohm.
Ref.
Parameter
Symbol fig.
Conditions
Min
Typ
Max
Unit
General
Supply current
I
CC
2V
MM = 20 to 40 V, I0 = I1 = HIGH.
30
40
mA
V
MM = 20 to 40 V, I0 = I1 = LOW,
48
65
mA
f
s = 23 kHz
Total power dissipation
P
D
f
s = 28 kHz, IM = 1000 mA, VMM = 36 V
1.9
2.3
W
Note 2, 4.
f
s = 24 kHz, IM = 1000 mA, VMM = 12 V
1.7
2.1
W
Note 2, 4.
f
s = 28 kHz, IM = 1300 mA, VMM = 36 V
2.7
3.2
W
Note 3, 4.
f
s = 28 kHz, IM = 1500 mA, VMM = 36 V
3.5
W
Note 3, 4.
Turn-off delay
t
d
3T
a = +25°C, dVC/dt ≥ 50 mV/µs.
2.5
µs
Thermal shutdown junction temperature
170
°C
Logic Inputs
Logic HIGH input voltage
V
IH
2
2.0
V
Logic LOW input voltage
V
IL
2
0.8
V
Logic HIGH input current
I
IH
2V
I = 2.4 V
20
µA
Logic LOW input current
I
IL
2V
I = 0.4 V
-0.4
mA
Analog Inputs
Comparator threshold voltage
V
CH
2V
R = 5.0 V, I0 = I1 = LOW
400
415
430
mV
Comparator threshold voltage
V
CM
2V
R = 5.0 V, I0 = HIGH, I1 = LOW
240
250
265
mV
Comparator threshold voltage
V
CL
2V
R = 5.0 V, I0 = LOW, I1 = HIGH
70
80
90
mV
Input current
I
C
2
-20
µA
Motor Outputs
Lower transistor saturation voltage
I
M = 1000 mA
0.5
0.8
V
I
M = 1300 mA
0.8
1.3
V
Lower diode forward voltage drop
I
M = 1000 mA
1.3
1.6
V
I
M = 1300 mA
1.5
1.8
V
Upper transistor saturation voltage
I
M = 1000 mA
1.1
1.3
V
I
M = 1300 mA
1.3
1.6
V
Output leakage current
I
0 = I1 = HIGH,
T
a = +25°C
100
µA
Monostable
Cut off time
t
off
3V
MM = 10 V, ton ≥ 5 µs
273135
µs
Thermal Characteristics
Ref.
Parameter
Symbol Fig. Conditions
Min
Typ
Max
Unit
Thermal resistance
Rth
J-C
DIL package.
11
°C/W
Rth
J-A
15 DIL package. Note 2.
40
°C/W
Rth
J-C
PLCC package.
9
°C/W
Rth
J-A
15 PLCC package. Note 2.
35
°C/W
Rth
J-C
SO package.
11
°C/W
Rth
J-A
15 SO package.
40
°C/W
Notes
1.
All voltages are with respect to ground. Currents are positive into, negative out of specified terminal.
2.
All ground pins soldered onto a 20 cm2 PCB copper area with free air convection. T
a = +25°C.
3.
DIP package with external heatsink (Staver V7) and minimal copper area. Typical Rth
J-A = 27.5°C/W. Ta = +25°C.
4.
Not covered by final test program.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com