Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3150T2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT3150T2
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3150T2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT3150T2 Datasheet HTML 1Page - CT Micro International Corporation CT3150T2 Datasheet HTML 2Page - CT Micro International Corporation CT3150T2 Datasheet HTML 3Page - CT Micro International Corporation CT3150T2 Datasheet HTML 4Page - CT Micro International Corporation CT3150T2 Datasheet HTML 5Page - CT Micro International Corporation CT3150T2 Datasheet HTML 6Page - CT Micro International Corporation CT3150T2 Datasheet HTML 7Page - CT Micro International Corporation CT3150T2 Datasheet HTML 8Page - CT Micro International Corporation CT3150T2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Jun, 2015
CT3150
1.0A MOSFET/IGBT Gate Driver Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
Peak Output Current : IOP = ±1.0A (max)
•
•
•
•
Threshold Input Current: IFLH = 5 mA (max)
•
•
•
•
Common mode transient immunity : ±20kV/µs
(min
)
•
•
•
•
Under voltage lock out (UVLO) protection with
hysteresis
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
(Pending Approval)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Description
The CT3150 consists of a GaAsP LED optically
coupled to an integrated circuit with a power output
stage. This optocoupler is ideally suited for driving
power IGBTs and MOSFETs used in motor control
inverter applications. The high operating voltage
range of the output stage provides the drive voltages
required by gate controlled devices.
Applications
•
•
•
•
Isolated IGBT/Power MOSFET gate drive
•
•
•
•
Industrial Inverter
•
•
•
•
AC brushless and DC motor drives
•
•
•
•
Induction Heating


Similar Part No. - CT3150T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
CT310 ALLEGRO-CT310 Datasheet
908Kb / 15P
XtremeSense™ 2D TMR Angle Sensor
April 24, 2024
CT310LS-AT8 ALLEGRO-CT310LS-AT8 Datasheet
908Kb / 15P
XtremeSense™ 2D TMR Angle Sensor
April 24, 2024
CT310LS-HD8 ALLEGRO-CT310LS-HD8 Datasheet
908Kb / 15P
XtremeSense™ 2D TMR Angle Sensor
April 24, 2024
CT310LS-IT8 ALLEGRO-CT310LS-IT8 Datasheet
908Kb / 15P
XtremeSense™ 2D TMR Angle Sensor
April 24, 2024
logo
Corstat Containers Inc
CT3111 CORSTATCONTAINERS-CT3111 Datasheet
460Kb / 2P
Stock Division Sets To Suit Corstat Stacking Boxes
More results

Similar Description - CT3150T2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Rev 1.0.4
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
0.6 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
CT Micro International ...
CT350 CTMICRO-CT350 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CTS701 CTMICRO-CTS701 Datasheet
947Kb / 13P
0.6A MOSFET/IGBT Gate Driver Optocoupler
CTW3120 CTMICRO-CTW3120 Datasheet
1Mb / 14P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
2.5A MOSFET/IGBT Gate Driver Optocoupler
CTS314 CTMICRO-CTS314 Datasheet
1Mb / 14P
1.0A MOSFET/IGBT Gate Driver Optocoupler
Rev.3 Nov, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com