Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC Datasheet(PDF) 1 Page - Comchip Technology

Part # KBPC
Description  High Current Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBPC Datasheet(HTML) 1 Page - Comchip Technology

  KBPC Datasheet HTML 1Page - Comchip Technology KBPC Datasheet HTML 2Page - Comchip Technology KBPC Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 10/15/25/35/50 Amp
KBPC Series
Features
Surge overload 200 - 400 Amp peak
Low forward voltage dro
Mounting position: Any
Electrically isolated base - 1800 Volts
Solderable 0.25” FASTON terminals
Materials used carries U/L recognition
Mechanical Data
Case:Epoxy Case with Heat Sink Internally
Mounted in the Bridge Encapsulation
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Mounting: Through Hole for #10 Screw
High Current Bridge Rectifier
High Current Bridge Rectifier
www.comchiptech.com
COMCHIP
COMCHIP
MDS0304007A
Page 1
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
10.97
11.23
10.97
11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
-
G
H
0.97Ø
1.07Ø
All Dimension in mm
TERMINALS
LEAD
Hole for #10 screw, 5.08Ø Nominal
6.35 Typic al
KBPC
KBPC
Terminals/Plastic
Terminals/Plastic
Lead/Plastic
Lead/Plastic
KBPC-W
KBPC-W
KBPC-S
KBPC-S
- “S” Suffix Designates Single In-Line
- “W” Suffix Designates Wire Leads
- No Suffix Designates Faston Terminals
Single In-Line/Plastic
Single In-Line/Plastic
Dim
Min
Max
A
28.40
28.70
B
10.97
11.23
C
13.90
-
D
19.10
-
E
5.10
-
G
H
3.05
3.60
KBPC-S
All Dimensions in mm
1.20 Ø Typical
Weight: 30 grams (approx.)


Similar Part No. - KBPC

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
KBPC CDIL-KBPC Datasheet
148Kb / 3P
KBPC (4 Leads) Square Leaded Package
logo
YENYO TECHNOLOGY Co., L...
KBPC-3 YENYO-KBPC-3 Datasheet
311Kb / 1P
Dimensions in inches and
KBPC-6 YENYO-KBPC-6 Datasheet
332Kb / 1P
Dimensions in inches and
logo
Continental Device Indi...
KBPC-8 CDIL-KBPC-8 Datasheet
107Kb / 3P
KBPC-8 (4 Leads) Square Leaded Package
logo
YENYO TECHNOLOGY Co., L...
KBPC-8 YENYO-KBPC-8 Datasheet
333Kb / 1P
Dimensions in inches and
More results

Similar Description - KBPC

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
MB1005-1010 COMCHIP-MB1005-1010 Datasheet
73Kb / 2P
High Current Bridge Rectifier
logo
Diotech Company.
GBPC15 DIOTECH-GBPC15 Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
GBPC15A DIOTECH-GBPC15A Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
GBPC25A DIOTECH-GBPC25A Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
GBPC35A DIOTECH-GBPC35A Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC15A DIOTECH-KBPC15A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC25A DIOTECH-KBPC25A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC35A DIOTECH-KBPC35A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC50A DIOTECH-KBPC50A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
KBPC10005 SUNMATE-KBPC10005 Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com