Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC Datasheet(PDF) 3 Page - Comchip Technology

Part # KBPC
Description  High Current Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBPC Datasheet(HTML) 3 Page - Comchip Technology

  KBPC Datasheet HTML 1Page - Comchip Technology KBPC Datasheet HTML 2Page - Comchip Technology KBPC Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MDS0304007A
Page 3
COMCHIP
COMCHIP
www.comchiptech.com
Silicon Bridge Rectifiers
Silicon Bridge Rectifiers
Rating and Characteristic Curves (KBPC10, 15, 25, 35, 50)
Fig. 4 - Current Derating Curve
Fig. 3 - Non Repetitive Forward
Surge Current
400
350
300
250
200
150
100
50
0
1
5
10
50
1 00
Number of Cycles at 60Hz
Ambient Temperature ( C)
Tj=25 C
Fig. 1 - Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
120
140
10
1.0
0.1
0.01
0
25
50
75
100
125
150
Tj=25 C
Fig. 2 - Forward Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
10
1.0
0.1
0.01
Tj=25 C
KBPC35/50
KBPC15
KBPC10
KBPC25
Forward Voltage (V)
KBPC35/50
KBPC15/25
KBPC10
60
50
40
30
20
10
0
KBPC10
KBPC15
KBPC25
KBPC35
KBPC50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com