Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC Datasheet(PDF) 2 Page - Comchip Technology

Part # KBPC
Description  High Current Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBPC Datasheet(HTML) 2 Page - Comchip Technology

  KBPC Datasheet HTML 1Page - Comchip Technology KBPC Datasheet HTML 2Page - Comchip Technology KBPC Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDS0304007A
Page 2
COMCHIP
COMCHIP
www.comchiptech.com
Silicon Bridge Rectifiers
Silicon Bridge Rectifiers
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
50005
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Revers e Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
Maximum Forward Voltage Drop per element at
5.0/7.5/12.5/17.5/25.0A Peak
V
Maximum Reverse Current at Rate DC Block ing
Voltage per element @ TA = 25°C
uA
Operating Temperature Range TC
°C
Storage Temperature Range TA
°C
UNIT
1.2
10
-55 to +125
-55 to +150
CHARACTERISTICS
Maximum Ratings and Electrical Characterics
Rating at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz.
For capacitive load current by 20%
CHARACTERISTICS
KBPC10005
- 1010
KBPC15005
- 1510
KBPC25005
- 2510
KBPC35005
- 3510
KBPC50005
- 5010
UNIT
Maximum Average Forward Rectified Output
Current @ TC = 55°C
10
15
25
35
50
A
Peak Forward Surge Current 8.3ms single half
sine-wave super imposed on rated load
200
300
300
400
400
A
NOTES: Also available on KBPC 10W/15W /25W/35W /50W series.
Maximum Ratings and Electrical Characterics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com