Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1192AB59100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1192AB59100
Description  24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1192AB59100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1192AB59100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1192AB59100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1192AB59100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1192A Non-Paired - Four-Conductor Star Quad, Low-Impedance Cable
For more information please
call
1-800-Belden1
See Put-ups and Colors
Description:
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield (95% coverage),
PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Conductors
4
Total Number of Conductors
4
AWG
24
Stranding
42x40
Conductor Diameter
.024 in.
Conductor Material
SBC - Soft Bare Copper
INSULATION:
Insulation Material
PE - Polyethylene
Nom. Insulation Wall Thickness
.016 in.
Insulation Diameter
.056 in.
OVERALL CABLING:
Overall Cabling Color Code Chart :
Number
Color
1
Blue
2
White
Number
Color
3
Blue w/White Stripe
4
White w/Blue Stripe
OUTER SHIELD:
Outer Shield Type
Braid
Outer Shield Material
TC - Tinned Copper
Outer Shield %Coverage
95 %
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
Outer Jacket Nominal Wall Thickness
.045 in.
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.245 in.
MECHANICAL CHARACTERISTICS:
Page 1 of 3


Similar Part No. - 1192AB59100

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1192A BELDEN-1192A Datasheet
101Kb / 3P
Multi-Conductor
More results

Similar Description - 1192AB59100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
29511 ETC2-29511 Datasheet
30Kb / 3P
25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
1348165 ETC2-1348165 Datasheet
100Kb / 3P
25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1804A ETC2-1804A Datasheet
36Kb / 3P
28 AWG stranded (19x40) high-conductivity silver plated copper alloy conductors, polypropylene insulation, tinned copper braid shield
1813A ETC2-1813A Datasheet
100Kb / 2P
24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com