Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22-1012PCF Datasheet(PDF) 6 Page - Hirose Electric

Part # DF22-1012PCF
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-1012PCF Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF22-1012PCF Datasheet HTML 2Page - Hirose Electric DF22-1012PCF Datasheet HTML 3Page - Hirose Electric DF22-1012PCF Datasheet HTML 4Page - Hirose Electric DF22-1012PCF Datasheet HTML 5Page - Hirose Electric DF22-1012PCF Datasheet HTML 6Page - Hirose Electric DF22-1012PCF Datasheet HTML 7Page - Hirose Electric DF22-1012PCF Datasheet HTML 8Page - Hirose Electric DF22-1012PCF Datasheet HTML 9Page - Hirose Electric DF22-1012PCF Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
P=7.92
C
B
A
Contact No.1
No. of contacts
indicator
Cavity No.
1.2
1.6
3.7
5
5
A
BPCB mounting pattern
(Board thickens: 1.6±0.1)
P=7.92±0.05
C±0.05
B±0.05
2-Ø1.6
+0.1
0
*-Ø1.5
+0.1
0
sRight angle header
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
C
DF22-2P-7.92DS
DF22-3P-7.92DS
DF22-4P-7.92DS
DF22-5P-7.92DS
2
3
4
5
19.80
27.72
35.64
43.56
15.00
22.92
30.84
38.76
7.92
15.84
23.76
31.68
Standard Type (Guide Key: Inside, Color: Natural Beige)
680-1008-5
680-1009-8
680-1010-7
680-1011-0
CL No.
Part Number
Number of contacts
A
B
C
DF22R-2P-7.92DS
DF22R-3P-7.92DS
DF22R-4P-7.92DS
DF22R-5P-7.92DS
2
3
4
5
19.80
27.72
35.64
43.56
15.00
22.92
30.84
38.76
7.92
15.84
23.76
31.68
R Type (Guide Key: Right Side, Color: Black)
680-1018-9
680-1019-1
680-1020-0
680-1021-3
CL No.
Part Number
Number of contacts
A
B
C
DF22L-2P-7.92DS
DF22L-3P-7.92DS
DF22L-4P-7.92DS
DF22L-5P-7.92DS
2
3
4
5
19.80
27.72
35.64
43.56
15.00
22.92
30.84
38.76
7.92
15.84
23.76
31.68
L Type (Guide Key: Left Side, Color: Red)
680-1022-6
680-1023-9
680-1024-1
680-1025-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com