Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22-1012PCF Datasheet(PDF) 10 Page - Hirose Electric

Part # DF22-1012PCF
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-1012PCF Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF22-1012PCF Datasheet HTML 6Page - Hirose Electric DF22-1012PCF Datasheet HTML 7Page - Hirose Electric DF22-1012PCF Datasheet HTML 8Page - Hirose Electric DF22-1012PCF Datasheet HTML 9Page - Hirose Electric DF22-1012PCF Datasheet HTML 10Page - Hirose Electric DF22-1012PCF Datasheet HTML 11Page - Hirose Electric DF22-1012PCF Datasheet HTML 12Page - Hirose Electric DF22-1012PCF Datasheet HTML 13Page - Hirose Electric DF22-1012PCF Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
sRetainer
A
B
7.92
No. of contacts
indicator
Cavity No.
Cavity No.
2
3
4
A
1
A5
A
B
7.92
No. of contacts
indicator
Cavity No.
Cavity No.
A5
4
3
2
1
A
For Standard height, standard lock (Type I)
For Long type, standard lock (Type III)
Long type, enhanced ergonomic lock (Type IV)
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
DF22-1RS/P-7.92
DF22-2RS/P-7.92
DF22-3RS/P-7.92
DF22-4RS/P-7.92
DF22-5RS/P-7.92
Applicable Socket
1
2
3
4
5
7.04
15.50
23.42
31.34
39.26
-----
7.92
15.84
23.76
31.68
DF22-
*S-7.92C For Standard height, standard lock (Type I)
* indicates number of contacts.
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
DF22B/C-1RS/P-7.92
DF22B/C-2RS/P-7.92
DF22B/C-3RS/P-7.92
DF22B/C-4RS/P-7.92
DF22B/C-5RS/P-7.92
Applicable Socket
1
2
3
4
5
7.04
15.50
23.42
31.34
39.26
-----
7.92
15.84
23.76
31.68
Reserved for product expansion
680-1200-2
680-1201-5
680-1202-8
680-1203-0
DF22B-
*S-7.92C For Long type, standard lock (Type III)
DF22C-
*S-7.92C Long type, enhanced ergonomic lock (Type IV)
DF22-
*EP-7.92C
DF22A-
*EP-7.92C
* indicates number of contacts.
Reserved for
product expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com