Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22-1012PCF Datasheet(PDF) 15 Page - Hirose Electric

Part # DF22-1012PCF
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-1012PCF Datasheet(HTML) 15 Page - Hirose Electric

Back Button DF22-1012PCF Datasheet HTML 7Page - Hirose Electric DF22-1012PCF Datasheet HTML 8Page - Hirose Electric DF22-1012PCF Datasheet HTML 9Page - Hirose Electric DF22-1012PCF Datasheet HTML 10Page - Hirose Electric DF22-1012PCF Datasheet HTML 11Page - Hirose Electric DF22-1012PCF Datasheet HTML 12Page - Hirose Electric DF22-1012PCF Datasheet HTML 13Page - Hirose Electric DF22-1012PCF Datasheet HTML 14Page - Hirose Electric DF22-1012PCF Datasheet HTML 15Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
Item
Part Number
CL No.
Applicable Contacts
Type
Press unit
Applicators are used in automatic crimping
machines manufactured by Hirose Electric
Applicators are used in automatic
crimping machines manufactured by
other companies
Crimp tools
CM-105
AP105-DF22-1416
AP105-DF22A-1416
AP109A-DF22-1416
AP109A-DF22A-1416
AP109A-DF22A-1012
HT104/DF22-1416
HT104/DF22A-1416
HT103/DF22A-1012
901-0005-4
901-4576-7
901-4578-2
901-4579-5
901-4580-4
901-4582-0
550-0285-0
550-0286-2
550-0288-8
DF22/DF22A-1416SCF/PCF
DF22-1416SCF/PCF
DF22A-1416SCF/PCF
DF22-1416SCF/PCF
DF22A-1416SCF/PCF
DF22A-1012SCF
DF22-1416SC/PC
DF22A-1416SC/PC
DF22A-1012SC
Automatic
Manual
BTools
BContact Extraction
s Contact extraction tool: Flat-bladed screwdriver, 1.4 mm blade width
s Intended crimp Contacts: DF22-1416SC(F), DF22A-1416SC(F), DF22A-1012SC(F), DF22-1416PC(F), and DF22A-1416PC(F)
s Work Method
Housing Cross-Sectional Diagram
BPrecautions
qMake sure that the lock is fully depressed before un-mating the connectors.
qUse correct size of the wires. Do NOT forcefully twist or deform wires, as this may affect the
crimped contact connection.
Molded-in lance
Flat-bladed screwdriver
(1)
(2)
1. Refer to the drawing No. 1. Insert
correct size screwdriver in the
insulator against the molded-in
lance. Deflect the lance as shown.
2. Assure that the lance is deflected
to release the contact and pull- out
wire with the terminated contact.
Note 1: When crimping contact DF22A-1012SCF use a press with 3.5 ton min.
Note 2: AP109A type applicators cannot be used with the CM-105 press.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com