Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3084A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3084A
Description  22 and 24 AWG stranded tinned copper conductors, PVC insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3084A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3084A Datasheet HTML 1Page - List of Unclassifed Manufacturers 3084A Datasheet HTML 2Page - List of Unclassifed Manufacturers 3084A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Operating Temperature Range:
-20°C To +75°C
UL Temperature Rating:
75°C
Bulk Cable Weight:
41 lbs/1000 ft.
Max. Recommended Pulling Tension:
65 lbs.
Min. Bend Radius (Install)/Minor Axis:
2.750 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG, CL2
CEC/C(UL) Specification:
CMG
CSA Specification:
I/II A
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Other Specification:
ODVA Class 2 Thin
Flame Test
UL Flame Test:
UL1685 FT4 Loading
CSA Flame Test:
FT4
Suitability
Sunlight Resistance:
Yes
Oil Resistance:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Description
Impedance (Ohm)
24 AWG Pair 120
Nom. Inductance:
Description
Inductance (µH/ft)
22 AWG Pair .221
24 AWG Pair .251
Nom. Capacitance Conductor to Conductor:
Description
Freq. (MHz) Start Freq. (MHz) Stop Freq. (MHz) Capacitance (pF/ft)
24 AWG Pair 1
12.0
Nominal Velocity of Propagation:
Description
VP (%)
24 AWG Pair 75
Maximum Delay:
Description
Freq. (MHz) Start Freq. (MHz) Stop Freq. (MHz) Delay (ns/ft)
24 AWG Pair
1.36
Maximum Conductor DC Resistance:
Description DCR @ 20°C (Ohm/100 m)
Page 2 of 3
09-17-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3084A Multi-Conductor - DeviceBus® for ODVA DeviceNet™



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com