Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3084A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3084A
Description  22 and 24 AWG stranded tinned copper conductors, PVC insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3084A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3084A Datasheet HTML 1Page - List of Unclassifed Manufacturers 3084A Datasheet HTML 2Page - List of Unclassifed Manufacturers 3084A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
22 and 24 AWG stranded tinned copper conductors, PVC insulation (power), FPE insulation (Data),
individually foil shielded (100% coverage) and an overall tinned copper braid (65% coverage),
sunlight/oil-resistant PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors # Pairs AWG Stranding Conductor Material
4
1
22
19x34
TC - Tinned Copper
1
24
19x36
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
AWG
PVC - Polyvinyl Chloride
22
FPE - Foam Polyethylene 24
Inner Shield
Inner Shield Material:
Layer #
Type Inner Shield Material
Coverage (%)
22 AWG Pair Tape Aluminum Foil-Polyester Tape 100
24 AWG Pair Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
22
Inner Shield Drain Wire Stranding:
19x34
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Shield
Outer Shield Material:
Type Outer Shield Material Coverage (%)
Braid TC - Tinned Copper
65
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
0.280 in.
Pair
Pair Color Code Chart:
Number
Color
22 AWG Pair Red & Black
24 AWG Pair Blue & White
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +75°C
Page 1 of 3
09-17-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3084A Multi-Conductor - DeviceBus® for ODVA DeviceNet™


Similar Part No. - 3084A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3084A BELDEN-3084A Datasheet
260Kb / 2P
DeviceBus, 2 Pr #2224 Str TC, PVCFPE Ins
More results

Similar Description - 3084A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344472 ETC2-1344472 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345399 ETC2-1345399 Datasheet
100Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation
1347092 ETC2-1347092 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation
1347358 ETC2-1347358 Datasheet
96Kb / 2P
22 AWG solid tinned copper conductors, PVC insulation,
1347867 ETC2-1347867 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation
28513 ETC2-28513 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
1351693 ETC2-1351693 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
9534 ETC2-9534 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
1326A ETC2-1326A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com