Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3084A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3084A
Description  22 and 24 AWG stranded tinned copper conductors, PVC insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3084A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3084A Datasheet HTML 1Page - List of Unclassifed Manufacturers 3084A Datasheet HTML 2Page - List of Unclassifed Manufacturers 3084A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
22 AWG
17.5
24 AWG
28.0
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
3.2
Max. Attenuation:
()
Description
Freq. (MHz)
.29 24 AWG Pair Only .125
.50
.500
.70
1.000
Max. Operating Voltage - UL:
Voltage
Description
300 V RMS CL2, CMG
300 V RMS C(UL) AWM
600 V RMS UL AWM
Max. Recommended Current:
Current
1.7 Amps per conductor @ 25°C (24 AWG)
4 Amps per conductor @ 24 V per NEC CL2 (Power Pair)
Notes (Overall)
Notes: Flex Life: +/- 90 Degree Flex Test, 2" Diameter, 2 lbs. tension: 2000 Cycles minimum. Meter marks on jacket to aid users in
installation. ODVA DevaiceNet is an Open DeviceNet Vendor Association, Inc. trademark.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
3084A T5U1000
1,000 FT
47.000 LB
GRAY T5U
C
2 #22, 2 #24 SHLD PVC
3084A T5U2000
2,000 FT
96.000 LB
GRAY T5U
C Z
2 #22, 2 #24 SHLD PVC
3084A T5U500
500 FT
22.000 LB
GRAY T5U
C
2 #22, 2 #24 SHLD PVC
3084A 0021000
1,000 FT
47.000 LB
RED
C
2 #22, 2 #24 SH PVC
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 1
Revision Date: 05-14-2007
© 2008 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
09-17-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3084A Multi-Conductor - DeviceBus® for ODVA DeviceNet™



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com