Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC427 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC427
Description  Dual Voltage Feedback Amplifier for Single Supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC427 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC427 Datasheet HTML 1Page - National Semiconductor (TI) CLC427 Datasheet HTML 2Page - National Semiconductor (TI) CLC427 Datasheet HTML 3Page - National Semiconductor (TI) CLC427 Datasheet HTML 4Page - National Semiconductor (TI) CLC427 Datasheet HTML 5Page - National Semiconductor (TI) CLC427 Datasheet HTML 6Page - National Semiconductor (TI) CLC427 Datasheet HTML 7Page - National Semiconductor (TI) CLC427 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
http://www.national.com
Typical Performance Characteristics (Vs = +5V1, Vcm = +2.5V,Av = +2, R
f = 250W, RL = 150W to GND; unless specified)
Non-Inverting Frequency Response
Frequency (MHz)
1
10
100
Av = 1
Rf = 0
-225
-180
-135
-90
-45
0
Av = 2
Av = 4
Av = 10
Av = 10
Av = 4
Av = 2
Av = 1
Vo = 0.25Vpp
Inverting Frequency Response
Frequency (MHz)
1
10
100
Av = -1
-45
0
45
90
135
180
Av = -2
Av = -5
Av = -10
Av = -10
Av = -5
Av = -2
Av = -1
Vo = 0.25Vpp
Frequency Response vs. RL
Frequency (MHz)
0
10
100
RL = 1kΩ
-225
-180
-135
-90
-45
0
45
90
135
180
225
RL = 150Ω
RL = 75Ω
RL = 75Ω
RL = 150Ω
RL = 1kΩ
Vo = 0.25Vpp
Frequency Response vs. Vout
Frequency (MHz)
1
10
100
Vo = 4Vpp
Vo = 2Vpp
Vo = 0.25Vpp
Vo = 1Vpp
Frequency Response vs. CL
Frequency (MHz)
1
10
100
CL = 10pF
Rs = 249Ω
CL = 1000pF
Rs = 22Ω
CL = 100pF
Rs = 54.9Ω
1k
250
Ω
250
Ω
Rs
CL
Open Loop Gain & Phase
Frequency (MHz)
0.001
0.01
0.1
1
10
100
-120
Gain
-20
-100
0
-80
20
-60
40
-40
60
-20
80
0
100
Phase
Harmonic Distortion vs. Frequency
Frequency (MHz)
0.1
1
10
2nd
RL = 150Ω
-100
-90
-80
-70
-60
-50
3rd
RL = 150Ω
3rd
RL = 1kΩ
2nd
RL = 1kΩ
Vo = 1Vpp
2nd Harmonic Distortion vs. Vout
Output Amplitude (Vpp)
0123
4
RL = 150Ω
-80
-70
-60
-50
-40
-30
10MHz
5MHz
2MHz
1MHz
0.1MHz
-90
3rd Harmonic Distortion vs. Vout
Output Amplitude (Vpp)
0123
4
RL = 150Ω
-80
-70
-60
-50
-40
-30
10MHz
5MHz
2MHz
1MHz
0.1MHz
-90
-100
Small Signal Pulse Response
Time (20ns/div)
Large Signal Pulse Response
Time (20ns/div)
Equivalent Input Noise
Frequency (MHz)
0.001
0.1
10
1
Voltage = 9.5nV/
√Hz
1
10
10
100
100
1
0.01
Current = 3.2pA/
√Hz
IB, VIO, vs. Temperature
Temperature (
°C)
-40
-20
0
204060
-22
IB
0.5
-20
0.7
-18
0.9
-16
1.1
-14
1.3
-12
1.5
-10
1.7
VIO
80
Differential Gain and Phase (3.58MHz)
Number of 150
Ω Loads
12
3
4
0
0
0.5
0.5
1
1
1.5
1.5
2
2
2.5
2.5
Phase Neg Sync
Gain Neg Sync
RL tied to +2.5V
PSRR, CMRR & Linear Rout vs. Frequency
Frequency (MHz)
0.001
0.01
0.1
1
0
0
5
20
10
40
15
60
20
80
25
100
10
PSRR
Rout
CMRR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com