Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC427 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC427
Description  Dual Voltage Feedback Amplifier for Single Supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC427 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC427 Datasheet HTML 1Page - National Semiconductor (TI) CLC427 Datasheet HTML 2Page - National Semiconductor (TI) CLC427 Datasheet HTML 3Page - National Semiconductor (TI) CLC427 Datasheet HTML 4Page - National Semiconductor (TI) CLC427 Datasheet HTML 5Page - National Semiconductor (TI) CLC427 Datasheet HTML 6Page - National Semiconductor (TI) CLC427 Datasheet HTML 7Page - National Semiconductor (TI) CLC427 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.national.com
4
CLC427 OPERATIONS
Description
The CLC427 contains two single supply voltage-feed-
back amplifiers. The CLC427 is a dual version of the
CLC423 with the following features:
• Operates from a single +5V supply
• Maintains near rail-to-rail performance
• Includes the negative rail (0V) in the Common
Mode Input Range (CMIR)
• Offers low -74/-94dBc 2nd and 3rd harmonic
distortion
• Provides BW > 20MHz and 1MHz distortion
< -50dBc at Vo = 4Vpp
Single Supply Operation (VCC = +5V, VEE = GND)
The CLC427 is designed to operate from 0 and 5V
supplies. The specifications given in the
Electrical
Characteristics table are measured with a common
mode voltage (Vcm) of 2.5V. Vcm is the voltage around
which the inputs are applied and the output voltages are
specified.
Operating from a single +5V supply, the CMIR of the
CLC427 is typically 0V to +3.7V. The typical output range
with RL = 150Ω is +0.35V to +4.5V.
For simple single supply operation, it is recommended
that input signal levels remain above ground. For input
signals that drop below ground, AC coupling and level
shifting the signal are possible remedies.
For input
signals that remain above ground, no adjustments need
to
be
made.
The
non-inverting
and
inverting
configurations for both input conditions are illustrated in
the following 2 sections.
Standard Single Supply Operation
Figures 1 and 2 show the recommended non-inverting
and inverting configurations for purely positive input
signals.
Figure 1: Non-inverting Configuration
Figure 2: Inverting Configuration
Single Supply Operation for Inputs that go below 0V
Figures 3 and 4 show possible non-inverting and invert-
ing configurations for input signals that go below ground.
The input is AC coupled to prevent the need for level
shifting the input signal at the source. The resistive volt-
age divider biases the non-inverting input to VCC ÷2 =
2.5V.
Figure 3: AC Coupled Non-inverting Configuration
Figure 4: AC Coupled Inverting Configuration
+
-
1/2
CLC427
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
Rg
Rt
3(5)
2(6)
4
8
1(7)
V
V
1
R
R
o
in
f
g
=+
+
+
-
1/2
CLC427
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
Rb
3(5)
2(6)
4
8
1(7)
Rg
Rt
V
V
R
R
o
in
f
g
=−
Select R to yield
desired R
R || R
t
in
tg
=
+
+
-
1/2
CLC427
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
Rg
R
3(5)
2(6)
4
8
1(7)
C
Cc
R
+
VV
1
R
R
2.5
o
in
f
g
=+
 +
low frequency cutoff
1
2R C
, where: R
R
2
in
c
in
==
π
2.5V
RC
RC
gc
>>
+
-
1/2
CLC427
Rf
0.1
µF
6.8
µF
Vo
Vin
+5V
R
3(5)
2(6)
4
8
1(7)
Cc
R
+
VV
R
R
2.5
o
in
f
g
=−
 +
low frequency cutoff
1
2R C
gc
=
π
2.5V
Rg
R >> Rsource



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com