Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC427 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC427
Description  Dual Voltage Feedback Amplifier for Single Supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC427 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  CLC427 Datasheet HTML 1Page - National Semiconductor (TI) CLC427 Datasheet HTML 2Page - National Semiconductor (TI) CLC427 Datasheet HTML 3Page - National Semiconductor (TI) CLC427 Datasheet HTML 4Page - National Semiconductor (TI) CLC427 Datasheet HTML 5Page - National Semiconductor (TI) CLC427 Datasheet HTML 6Page - National Semiconductor (TI) CLC427 Datasheet HTML 7Page - National Semiconductor (TI) CLC427 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
http://www.national.com
DC Coupled Single-to-Differential Converter
A DC coupled single-to-differential converter is illustrated in
Figure 12.
Figure 12: Single-to-Differential Converter
+
-
1/2
CLC427
0.1
µF
6.8
µF
VH
(Av = +1V/V)
Vin
+5V
250
Ω
3(5)
2(6)
8
1(7)
+
Rt
+
-
1/2
CLC427
250
Ω
VL
(Av = -1V/V)
3(5)
2(6)
4
1(7)
3k
Ω
2k
Ω
Vo
Vo = VH – VL
Vo = 2Vin
Ordering Information
Model
Temperature Range
Description
CLC427AJP
-40˚C to +85˚C
8-pin PDIP
CLC427AJE
-40˚C to +85˚C
8-pin SOIC
Package Thermal Resistance
Package
qJC
qJA
Plastic (AJP)
75˚/W
90˚/W
Surface Mount (AJE)
90˚/W
115˚/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com