Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFK600 Datasheet(PDF) 4 Page - CUI INC

Part # VFK600
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK600 Datasheet(HTML) 4 Page - CUI INC

  VFK600 Datasheet HTML 1Page - CUI INC VFK600 Datasheet HTML 2Page - CUI INC VFK600 Datasheet HTML 3Page - CUI INC VFK600 Datasheet HTML 4Page - CUI INC VFK600 Datasheet HTML 5Page - CUI INC VFK600 Datasheet HTML 6Page - CUI INC VFK600 Datasheet HTML 7Page - CUI INC VFK600 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
cui.com
CUI Inc
│ SERIES: VFK600 │ DESCRIPTION: DC-DC CONVERTER
date 12/17/2013
│ page 4 of 8
DERATING CURVES
0%
20%
40%
60%
80%
100%
120%
05
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature - degrees C
Natural
Convection
0.5 m/S
(100LFM)
1.0 m/S
(200LFM)
1.5 m/S
(300LFM)
2.0 m/S
(400LFM)
2.5 m/S
(500LFM)
3.0 m/S
(600LFM)
3.5 m/S
(700LFM)
0%
20%
40%
60%
80%
100%
120%
05
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature - degrees C
Natural
Convection
0.5 m/S
(100LFM)
1.0 m/S
(200LFM)
1.5 m/S
(300LFM)
2.0 m/S
(400LFM)
2.5 m/S
(500LFM)
3.0 m/S
(600LFM)
3.5 m/S
(700LFM)
VFK600 Power Derating Curves At Nominal Input
(Includes 24 V input, 12/24/28 V output models and VFK600-D48-S12)
VFK600 Power Derating Curves At Nominal Input
(Includes 24 V input, 32/48 V output models and 48 V input, 24/28/32/48 V output models)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com