Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFK600 Datasheet(PDF) 7 Page - CUI INC

Part # VFK600
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK600 Datasheet(HTML) 7 Page - CUI INC

  VFK600 Datasheet HTML 1Page - CUI INC VFK600 Datasheet HTML 2Page - CUI INC VFK600 Datasheet HTML 3Page - CUI INC VFK600 Datasheet HTML 4Page - CUI INC VFK600 Datasheet HTML 5Page - CUI INC VFK600 Datasheet HTML 6Page - CUI INC VFK600 Datasheet HTML 7Page - CUI INC VFK600 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
cui.com
CUI Inc
│ SERIES: VFK600 │ DESCRIPTION: DC-DC CONVERTER
date 12/17/2013
│ page 7 of 8
Figure 3
External DC Voltage
APPLICATION NOTES (CONTINUED)
+S
+V
-V
-S
TRIM
Rt
Load
VR
Rt
Rt
Rt
Rt
Vf
+
×
+
+
×
×
=
33
33
7. 8
6
)
33
33
(
)
(
1. 4
2
Vf
VR
Vo
Vout
×
+
=)
(
VT VO
Vout
×
=
Note:
1. All specifications measured at nominal line, full load, and 25°C unless otherwise specified.
2. Output Voltage Trimming
Leave open if not used.
Figure 2
Trim-Up/Trim-Down Formulas
Trim-Up/Trim-Down Formulas
External Resistors
Note: Rt = 6.8 KΩ
V
O is the nominal output voltage
V
OUT is the desired output voltage (up or down)
VR is the trim resistor in KΩ
Note: V
T is the trim terminal voltage
V
O is the nominal output voltage
V
OUT is the desired output voltage (up or down)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com