Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFK600 Datasheet(PDF) 1 Page - CUI INC

Part # VFK600
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFK600 Datasheet(HTML) 1 Page - CUI INC

  VFK600 Datasheet HTML 1Page - CUI INC VFK600 Datasheet HTML 2Page - CUI INC VFK600 Datasheet HTML 3Page - CUI INC VFK600 Datasheet HTML 4Page - CUI INC VFK600 Datasheet HTML 5Page - CUI INC VFK600 Datasheet HTML 6Page - CUI INC VFK600 Datasheet HTML 7Page - CUI INC VFK600 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 12/17/2013
page 1 of 8
SERIES: VFK600
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 700 W isolated output
• rugged metal enclosure with integrated heat sink
• 2:1 input range (18~36 Vdc, 36~75 Vdc)
• single output from 12~48 Vdc
• 1,500 Vdc isolation
• over current, over temperature, over voltage,
and short circuit protections
• remote on/off
• N+1 current sharing
• efficiency up to 92%
PART NUMBER KEY
VFK600 - DXX - SXX
Input Voltage
Output Voltage
Base Number
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
range
(Vdc)
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VFK600-D24-S12
18 ~ 36
12
50
600
120
89
VFK600-D24-S24
18 ~ 36
24
25
600
240
91
VFK600-D24-S28
18 ~ 36
28
21.5
600
280
90
VFK600-D24-S32
18 ~ 36
32
19
608
320
91
VFK600-D24-S48
18 ~ 36
48
12.5
600
480
92
VFK600-D48-S12
36 ~ 75
12
50
600
120
90
VFK600-D48-S24
36 ~ 75
24
25
600
240
91
VFK600-D48-S28
36 ~ 75
28
25
700
280
91
VFK600-D48-S32
36 ~ 75
32
19
608
320
92
VFK600-D48-S48
36 ~ 75
48
12.5
600
480
92
Notes:
1. Ripple and noise are measured at full load, 20 MHz BW with 10µF tantalum capacitor and 1µF ceramic capacitor across output
For more information, please visit the product page.


Similar Part No. - VFK600

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFK600 CUI-VFK600 Datasheet
1Mb / 8P
DC-DC CONVERTER
09/13/2021
VFK600-D24-S12 CUI-VFK600-D24-S12 Datasheet
1Mb / 8P
DC-DC CONVERTER
09/13/2021
VFK600-D24-S12-DIN CUI-VFK600-D24-S12-DIN Datasheet
581Kb / 8P
DC-DC CONVERTER
VFK600-D24-S24 CUI-VFK600-D24-S24 Datasheet
1Mb / 8P
DC-DC CONVERTER
09/13/2021
VFK600-D24-S24-DIN CUI-VFK600-D24-S24-DIN Datasheet
581Kb / 8P
DC-DC CONVERTER
More results

Similar Description - VFK600

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com