Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C64113
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C64113 Datasheet HTML 1Page - Cypress Semiconductor CY7C64113 Datasheet HTML 2Page - Cypress Semiconductor CY7C64113 Datasheet HTML 3Page - Cypress Semiconductor CY7C64113 Datasheet HTML 4Page - Cypress Semiconductor CY7C64113 Datasheet HTML 5Page - Cypress Semiconductor CY7C64113 Datasheet HTML 6Page - Cypress Semiconductor CY7C64113 Datasheet HTML 7Page - Cypress Semiconductor CY7C64113 Datasheet HTML 8Page - Cypress Semiconductor CY7C64113 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 4 of 48
Figure 13-1. I2C Data Register 0x29 (separate read/write registers) ............................................. 23
Figure 13-2. I2C Status and Control Register 0x28 (read/write) .................................................... 23
Figure 15-1. Processor Status and Control Register 0xFF ............................................................ 25
Figure 16-1. Global Interrupt Enable Register 0x20 (read/write) ................................................... 26
Figure 16-2. USB Endpoint Interrupt Enable Register 0x21 (read/write) ...................................... 26
Figure 16-3. Interrupt Controller Functional Diagram .................................................................... 27
Figure 16-4. Interrupt Vector Register 0x23 (read only) ................................................................. 28
Figure 16-5. GPIO Interrupt Structure .............................................................................................. 29
Figure 17-1. USB Status and Control Register 0x1F (read/write) .................................................. 31
Figure 18-1. USB Device Address Register 0x10 (read/write) ....................................................... 32
Figure 18-2. USB Device Endpoint Zero Mode Register 0x12 (read/write) ................................... 32
Figure 18-3. USB Non-Control Device Endpoint Mode Registers
0x14, 0x16, 0x42, 0x44, (read/write) ............................................................................................... 33
Figure 18-4. USB Endpoint Counter Registers 0x11, 0x13, 0x15, 0x41, 0x43 (read/write) .......... 33
Figure 18-5. Token/Data Packet Flow Diagram ............................................................................... 35
Figure 22-1. Clock Timing ................................................................................................................. 44
Figure 22-2. USB Data Signal Timing ............................................................................................... 44
Figure 22-3. HAPI Read by External Interface from USB Microcontroller .................................... 44
Figure 22-4. HAPI Write by External Device to USB Microcontroller ............................................ 45
LIST OF TABLES
Table 4-1. Pin Assignments ................................................................................................................ 9
Table 4-2. I/O Register Summary ........................................................................................................ 9
Table 4-3. Instruction Set Summary ................................................................................................. 11
Table 9-1. Port Configurations ......................................................................................................... 18
Table 12-1. HAPI Port Configuration ................................................................................................ 22
Table 12-2. I2C Port Configuration ................................................................................................... 22
Table 13-1. I2C Status and Control Register Bit Definitions .......................................................... 23
Table 14-1. Port 2 Pin and HAPI Configuration Bit Definitions ..................................................... 25
Table 16-1. Interrupt Vector Assignments ....................................................................................... 28
Table 17-1. Control Bit Definition for Upstream Port ..................................................................... 31
Table 18-1. Memory Allocation for Endpoints ................................................................................ 32
Table 19-1. USB Register Mode Encoding ...................................................................................... 36
Table 19-2. Decode table for Table 19-3: “Details of Modes for Differing Traffic Conditions” ... 37
Table 19-3. Details of Modes for Differing Traffic Conditions ....................................................... 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com