Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113 Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # CY7C64113
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113 Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button CY7C64113 Datasheet HTML 38Page - Cypress Semiconductor CY7C64113 Datasheet HTML 39Page - Cypress Semiconductor CY7C64113 Datasheet HTML 40Page - Cypress Semiconductor CY7C64113 Datasheet HTML 41Page - Cypress Semiconductor CY7C64113 Datasheet HTML 42Page - Cypress Semiconductor CY7C64113 Datasheet HTML 43Page - Cypress Semiconductor CY7C64113 Datasheet HTML 44Page - Cypress Semiconductor CY7C64113 Datasheet HTML 45Page - Cypress Semiconductor CY7C64113 Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 42 of 48
Notes:
6.
Irange: Isinkn(15)/ Isinkn(0) for the same pin.
7.
Tratio = Isink1[1:0](n)/Isink0[7:2](n) for the same n, programmed.
8.
Ilin measured as largest step size vs. nominal according to measured full scale and zero programmed values.
DAC Interface
Rup
DAC Pull-up Resistance (typical 14 k
Ω)
8.0
24.0
k
Ω
Isink0(0)
DAC[7:2] Sink current (0)
Vout = 2.0V DC
0.1
0.3
mA
Isink0(F)
DAC[7:2] Sink current (F)
Vout = 2.0V DC
0.5
1.5
mA
Isink1(0)
DAC[1:0] Sink current (0)
Vout = 2.0V DC
1.6
4.8
mA
Isink1(F)
DAC[1:0] Sink current (F)
Vout = 2.0V DC
8
24
mA
Irange
Programmed Isink Ratio: max/min
Vout = 2.0V DC
[6]
46
Tratio
Tracking Ratio DAC[1:0] to DAC[7:2]
Vout = 2.0V
[7]
14
22
IsinkDAC
DAC Sink Current
Vout = 2.0V DC
1.6
4.8
mA
Ilin
Differential Nonlinearity
DAC Port[8]
0.6
LSB
Parameter
Conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com