Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C64113 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C64113
Description  Full-Speed USB (12 Mbps) Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C64113 Datasheet HTML 17Page - Cypress Semiconductor CY7C64113 Datasheet HTML 18Page - Cypress Semiconductor CY7C64113 Datasheet HTML 19Page - Cypress Semiconductor CY7C64113 Datasheet HTML 20Page - Cypress Semiconductor CY7C64113 Datasheet HTML 21Page - Cypress Semiconductor CY7C64113 Datasheet HTML 22Page - Cypress Semiconductor CY7C64113 Datasheet HTML 23Page - Cypress Semiconductor CY7C64113 Datasheet HTML 24Page - Cypress Semiconductor CY7C64113 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
CY7C64013
CY7C64113
Document #: 38-08001 Rev. **
Page 21 of 48
10.2
DAC Port Interrupts
A DAC port interrupt can be enabled/disabled for each pin individually. The DAC Port Interrupt Enable register provides this
feature with an interrupt enable bit for each DAC I/O pin. Writing a ‘1’ to a bit in this register enables interrupts from the corre-
sponding bit position. Writing a ‘0’ to a bit in the DAC Port Interrupt Enable register disables interrupts from the corresponding bit
position. All of the DAC Port Interrupt Enable register bits are cleared to ‘0’ during a reset. All DAC pins share a common interrupt,
as explained in Section 16.6.
As an additional benefit, the interrupt polarity for each DAC pin is programmable with the DAC Port Interrupt Polarity register.
Writing a ‘0’ to a bit selects negative polarity (falling edge) that causes an interrupt (if enabled) if a falling edge transition occurs
on the corresponding input pin. Writing a ‘1’ to a bit in this register selects positive polarity (rising edge) that causes an interrupt
(if enabled) if a rising edge transition occurs on the corresponding input pin. All of the DAC Port Interrupt Polarity register bits are
cleared during a reset.
11.0
12-Bit Free-Running Timer
The 12-bit timer provides two interrupts (128-
µs and 1.024-ms) and allows the firmware to directly time events that are up to 4
ms in duration. The lower 8 bits of the timer can be read directly by the firmware. Reading the lower 8 bits latches the upper 4
bits into a temporary register. When the firmware reads the upper 4 bits of the timer, it is accessing the count stored in the
temporary register. The effect of this logic is to ensure a stable 12-bit timer value can be read, even when the two reads are
separated in time.
11.1
Timer (LSB)
11.2
Timer (MSB)
7
6
5
4
3
2
1
0
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
Figure 10-4. DAC Port Interrupt Enable 0x31 (write only)
7
6
5
4
3
2
1
0
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
Figure 10-5. DAC Port Interrupt Polarity 0x32 (write only)
7
6
5
4
3
2
1
0
Timer
Bit 7
Timer
Bit 6
Timer
Bit 5
Timer
Bit 4
Timer
Bit 3
Timer
Bit 2
Timer
Bit 1
Timer
Bit 0
Figure 11-1. Timer Register 0x24 (read only)
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Timer
Bit 11
Timer
Bit 10
Timer
Bit 9
Timer
Bit 8
Figure 11-2. Timer Register 0x25 (read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com