Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30C7201 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # GMS30C7201
Description  60MHz operation frequency Low power consumption
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30C7201 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button GMS30C7201 Datasheet HTML 85Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 86Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 87Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 88Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 89Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 90Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 91Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 92Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 352 page
background image
SDRAM Controller
8-17
GMS30C7201 Data Sheet
8.8
Merging Write Buffer
An eight word merging write buffer is implemented in the SDRAM controller to improve write
performance. The write buffer can be disabled, but its operation is completely transparent to the
programmer. The eight words of the buffer are split into two quad words, the same size as all
data transactions to the SDRAMs. The split into two quad words allows one quad word to be
written to at the same time as the contents of the other are being transferred to SDRAM. The
quad word buffer currently being written to may be accessed with non-contiguous word, half
word or byte writes, which will be merged into a single quad word. The buffered quad word will
be transferred to the SDRAM when:
•
there is a write to an SDRAM address outside the current quad word being merged into
•
there is a read to the address of the quad word being merged into
•
there is a time-out on the write back timer
The two quad-words that make up the write buffer operate in “ping-pong” fashion, whereby one
is initially designated the buffer for writes to go into, and the other is the buffer for write backs.
When one of the three events that can cause a write-back occurs, the functions of the two buffers
are swapped. Thus the buffer containing data to be written back becomes the buffer that is
currently writing back, and the buffer that was the write-back buffer becomes the buffer being
written to.
In the case of a write-back initiated by a read from the same address as the data in the merge
buffer, the quad word in the buffer is written to SDRAM, and then the read occurs from
SDRAM. The write before read is essential, because not all of the quad word in the buffer may
have been updated, so its contents need to be merged with the SDRAM contents to fill any gaps
where the buffer was not updated.
The write buffer flush timer forces a write back to occur after a programmable amount of time.
Every time a write into the buffer occurs, the counter is re-loaded with the programmed time-
out value, and starts to counts down. If a time-out occurs, then data in the write buffer is written
to SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com