Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30C7201 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS30C7201
Description  60MHz operation frequency Low power consumption
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30C7201 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS30C7201 Datasheet HTML 35Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 36Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 37Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 38Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 39Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 40Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 41Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 42Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 352 page
background image
Architecture Overview
3-9
GMS30C7201 Data Sheet
FFT points
ARM720T
cycles
ARM720T+
SP7 cycles
Speedup
2048
450,000
83,788
5.4
1024
200,000
38,215
5.2
512
90,000
17,282
5.2
256
40,000
7,740
5.2
Table 3-2: FFT performance for ARM versus ARM+Piccolo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com