Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS30C7201 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS30C7201
Description  60MHz operation frequency Low power consumption
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30C7201 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS30C7201 Datasheet HTML 17Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 18Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 19Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 20Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 21Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 22Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 23Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 24Page - Hynix Semiconductor GMS30C7201 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 352 page
background image
Signal Description
2-5
GMS30C7201 Data Sheet
nSSCS
O
Synchronous serial chip select
IRDIN
I
IrDA infra-red data input
IRDOUT
O
IrDA infra-red data output
GPIO:
PORTA[7:0]
PORTB[7:6]
PORTC[7:0]
PORTD[7:4]
IO
IO
IO
IO
GPIO interface. 8 general-purpose I/O lines.
GPIO interface. 2 general-purpose I/O lines.
GPIO interface. 8 general-purpose I/O lines.
GPIO interface. 4 general-purpose I/O lines.
MRING
I
Ring indicator (wake-up signal to PMU)
MRLY
O
Modem relay control
MCLK
I
Modem clock input
MDFR
I
Modem data frame input
MDIN
I
Modem data input
MDOUT
O
Modem data output
nMCON
O
Modem control data select (HIGH for data, LOW for control)
UVPO, or
PORTB[0]
IO
USB output differential drive (+), or general IO pin controlled by
the PMPS register in GPIO subsystem.
UVMO, or
PORTB[1]
IO
USB output differential drive (-), or general IO pin controlled by
the PMPS register in GPIO subsystem.
nUSBOE, or
PORTB[2]
IO
USB output enable, or general IO pin controlled by the PMPS
register in GPIO subsystem.
URCVIN, or
PORTB[3]
IO
USB receive data, or general IO pin controlled by the PMPS
register in GPIO subsystem.
UVP, or PORTB[4]
IO
USB gated input differential drive (+), or general IO pin controlled
by the PMPS register in GPIO subsystem.
UVM, or PORTB[5]
IO
USB gated input differential drive (-), or general IO pin controlled
by the PMPS register in GPIO subsystem.
USUSPEND
O
USB low power state
ATSXP
O
Touch screen switch X output
ATSXM
O
Touch screen switch X output
ATSYP
O
Touch screen switch Y output
ATSYM
O
Touch screen switch Y output
ADIN[4:0]
IA
ADC inputs for MIC and battery
AVDDDAC
P
DAC Analog Vdd and reference
AVSSDAC
P
DAC Analog Vss
Signal name
Type
Description
Table 2-1: Signal description table (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com