Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85354 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85354
Description  DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85354 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85354 Datasheet HTML 1Page - Integrated Circuit Systems ICS85354 Datasheet HTML 2Page - Integrated Circuit Systems ICS85354 Datasheet HTML 3Page - Integrated Circuit Systems ICS85354 Datasheet HTML 4Page - Integrated Circuit Systems ICS85354 Datasheet HTML 5Page - Integrated Circuit Systems ICS85354 Datasheet HTML 6Page - Integrated Circuit Systems ICS85354 Datasheet HTML 7Page - Integrated Circuit Systems ICS85354 Datasheet HTML 8Page - Integrated Circuit Systems ICS85354 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
85354AK
www.icst.com/products/hiperclocks.html
REV. B JUNE 8, 2004
1
Integrated
Circuit
Systems, Inc.
ICS85354
DUAL 2:1/1:2
DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
PRELIMINARY
GENERAL DESCRIPTION
The ICS85354 is a 2:1/1:2 Multiplexer and a mem-
ber of the HiPerClockSTM family of high perfor-
mance clock solutions from ICS.The 2:1 Multiplexer
allows one of 2 inputs to be selected onto one out-
put pin and the 1:2 MUX switches one input to one
of two outputs. This device may be useful for multiplexing multi-
rate Ethernet Phys which have 100Mbit and 1000Mbit transmit/
receive pairs onto an optical SFP module which has a single
trasmit/receive pair. Please refer to the Application Block dia-
gram on page 2 of the data sheet.
The ICS85354 is optimized for applications requiring very high
performance and has a maximum operating frequency in excess
of 2GHz.The device is packaged in a small, 3mm x 3mm VFQFN
package, making it ideal for use on space-constrained boards.
FEATURES
• Dual 2:1/1:2 MUX
• 3 LVPECL outputs
• 3 differential clock inputs
• CLKx pair can accept the following differential input levels:
LVPECL, LVDS, CML
• Maximum output frequency: 3GHz
• Part-to-part skew: 85ps (typical)
• Additive jitter, RMS: 0.03ps (typical)
• Propagation delay: 330ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.465V to -2.375V
• -40°C to 85°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
ICS85354
16-Lead VFQFN
3mm x 3mm x 0.95 package body
K Package
Top View
QB0
nQB0
QB1
nQB1
CLKA0
nCLKA0
CLKA1
nCLKA1
1
2
3
4
12
11
10
9
5
6
7
8
16 15 14 13
0
1
CLK_SELA
CLKA0
nCLKA0
CLKA1
nCLKA1
CLKB
nCLKB
CLK_SELB
QA
nQA
QB0
nQB0
QB1
nQB1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS85354

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 5, 2001
logo
Integrated Device Techn...
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 27, 2001
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
More results

Similar Description - ICS85354

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com