Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM19
Description  2.4V, 10uA, TO-92 Temperature Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM19 Datasheet HTML 1Page - National Semiconductor (TI) LM19 Datasheet HTML 2Page - National Semiconductor (TI) LM19 Datasheet HTML 3Page - National Semiconductor (TI) LM19 Datasheet HTML 4Page - National Semiconductor (TI) LM19 Datasheet HTML 5Page - National Semiconductor (TI) LM19 Datasheet HTML 6Page - National Semiconductor (TI) LM19 Datasheet HTML 7Page - National Semiconductor (TI) LM19 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Typical Application (Continued)
Temperature (T)
Typical V
O
+130˚C
+303 mV
+100˚C
+675 mV
+80˚C
+919 mV
+30˚C
+1515 mV
+25˚C
+1574 mV
0˚C
+1863.9 mV
−30˚C
+2205 mV
−40˚C
+2318 mV
−55˚C
+2485 mV
Connection Diagram
TO-92
20004001
See NS Package Number Z03A
Ordering Information
Order
Temperature
Temperature
NS Package
Device
Number
Accuracy
Range
Number
Marking
Transport Media
LM19CIZ
±3.8˚C
−55˚C to +130˚C
Z03A
LM19CIZ
Bulk
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com