Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM19
Description  2.4V, 10uA, TO-92 Temperature Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM19 Datasheet HTML 1Page - National Semiconductor (TI) LM19 Datasheet HTML 2Page - National Semiconductor (TI) LM19 Datasheet HTML 3Page - National Semiconductor (TI) LM19 Datasheet HTML 4Page - National Semiconductor (TI) LM19 Datasheet HTML 5Page - National Semiconductor (TI) LM19 Datasheet HTML 6Page - National Semiconductor (TI) LM19 Datasheet HTML 7Page - National Semiconductor (TI) LM19 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM19
2.4V, 10µA, TO-92 Temperature Sensor
General Description
The LM19 is a precision analog output CMOS integrated-
circuit temperature sensor that operates over a −55˚C to
+130˚C temperature range. The power supply operating
range is +2.4 V to +5.5 V. The transfer function of LM19 is
predominately linear, yet has a slight predictable parabolic
curvature. The accuracy of the LM19 when specified to a
parabolic transfer function is ±2.5˚C at an ambient tempera-
ture of +30˚C. The temperature error increases linearly and
reaches a maximum of ±3.8˚C at the temperature range
extremes. The temperature range is affected by the power
supply voltage. At a power supply voltage of 2.7 V to 5.5 V
the temperature range extremes are +130˚C and −55˚C.
Decreasing the power supply voltage to 2.4 V changes the
negative extreme to −30˚C, while the positive remains at
+130˚C.
The LM19’s quiescent current is less than 10 µA. Therefore,
self-heating is less than 0.02˚C in still air. Shutdown capa-
bility for the LM19 is intrinsic because its inherent low power
consumption allows it to be powered directly from the output
of many logic gates or does not necessitate shutdown at all.
Applications
n
Cellular Phones
n
Computers
n
Power Supply Modules
n
Battery Management
n
FAX Machines
n
Printers
n
HVAC
n
Disk Drives
n
Appliances
Features
n
Rated for full −55˚C to +130˚C range
n
Available in a TO-92 package
n
Predictable curvature error
n
Suitable for remote applications
Key Specifications
j Accuracy at +30˚C
±2.5 ˚C (max)
j Accuracy at +130˚C & −55˚C
±3.5 to ±3.8 ˚C (max)
j Power Supply Voltage Range
+2.4V to +5.5V
j Current Drain
10 µA (max)
j Nonlinearity
±0.4 % (typ)
j Output Impedance
160
Ω (max)
j Load Regulation
0µA < I
L< +16 µA
−2.5 mV (max)
Typical Application
Output Voltage vs Temperature
20004002
V
O = (−3.88x10
−6xT2) + (−1.15x10−2xT) + 1.8639
or
where:
T is temperature, and VO is the measured output voltage of the LM19.
20004024
FIGURE 1. Full-Range Celsius (Centigrade) Temperature Sensor (−55˚C to +130˚C)
Operating from a Single Li-Ion Battery Cell
January 2003
© 2003 National Semiconductor Corporation
DS200040
www.national.com


Similar Part No. - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI2-LM19 Datasheet
412Kb / 15P
LM19 2.4V, 10μA, TO-92 Temperature Sensor
REVISED MARCH 2013
logo
Pixart Imaging Inc.
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results

Similar Description - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM20EP NSC-LM20EP Datasheet
250Kb / 9P
Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com