Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM19
Description  2.4V, 10uA, TO-92 Temperature Sensor
File Size   173.28 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19 Datasheet (PDF) - National Semiconductor (TI)



Similar Part No. - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI2-LM19 Datasheet
412Kb / 15P
LM19 2.4V, 10μA, TO-92 Temperature Sensor
REVISED MARCH 2013
logo
Pixart Imaging Inc.
LM19-LSI PIXART-LM19-LSI Datasheet
2Mb / 18P
Optical Gaming Navigation Sensor
More results


Similar Description - LM19

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM20EP NSC-LM20EP Datasheet
250Kb / 9P
Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
Ultra-low current 2.4V precision analog temperature sensor
26-Nov-2007
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com