Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5633IM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633IM
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633IM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5633IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
±5V Typical Performance Characteristics (A
V = +2, RL = 100Ω,VCC = ±5V, unless
specified) (Continued)
Application Division
CLC5633 Operation
The CLC5633 is a current feedback buffer fabricated in an
advanced complementary bipolar process. The CLC5633
operates from a single 5V supply or dual ±5V supplies.
Operating from a single 5V supply, the CLC5633 has the
following features:
•
Gains of +1, −1, and 2V/V are achievable without exter-
nal resistors
•
Provides 100mA of output current while consuming only
15mW of power
•
Offers low −84/−95dBc 2nd and 3rd harmonic distortion
•
Provides BW>90MHz and 1MHz distortion <−70dBc at
V
O =2VPP
The CLC5633 performance is further enhanced in ±5V sup-
ply applications as indicated in the ±5V Electrical Charac-
teristics table and ±5V Typical Performance plots.
If gains other than +1, −1, or +2V/V are required, then the
CLC5602 can be used. The CLC5602 is a current feedback
amplifier with near identical performance and allows for ex-
ternal feedback and gain setting resistors.
Current Feedback Amplifiers
Some of the key features of current feedback technology
are:
•
Independence of AC bandwidth and voltage gain
•
Inherently stable at unity gain
•
Adjustable frequency response with feedback resistor
•
High slew rate
•
Fast settling
Current feedback operation can be described using a simple
equation. The voltage gain for a non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
V
V
A
1
R
Z(j )
o
in
v
f
=
+
ω
(1)
where:
•
A
V is the closed loop DC voltage gain
•
R
f is the feedback resistor
I
BN,VOS vs. Temperature
Temperature (
ϒC)
-60
-20
20
60
100
5.0
-2.5
5.5
-1.5
6.0
-0.5
6.5
0.5
7.0
1.5
7.5
2.5
IBN
VOS
DS015005-33
Channel Matching
Frequency (Hz)
1M
10M
100M
Channel 1
Channel 2
Channel 3
DS015005-34
All Hostile Crosstalk
Frequency (Hz)
1M
10M
100M
-80
-70
-60
-50
-40
-30
DS015005-35
Pulse Crosstalk
Time (10ns/div)
Active Output
Channel 1
Inactive Output
Channel 2
Inactive Output
Channel 3
DS015005-36
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com