Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5633IM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633IM
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633IM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC5633IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Division (Continued)
•
Z(j
ω) is the CLC5633’s open loop transimpedance gain
•
Z(j
ω)/R
f is the loop gain
The denominator of Equation 1 is approximately equal to 1 at
low frequencies. Near the −3dB corner frequency, the inter-
action between R
f and Z(jω) dominates the circuit perfor-
mance. The value of the feedback resistor has a large affect
on the circuits performance. Increasing R
f has the following
affects:
•
Decreases loop gain
•
Decreases bandwidth
•
Reduces gain peaking
•
Lowers pulse response overshoot
•
Affects frequency response phase linearity
CLC5633 Design Information
Closed Loop Gain Selection
The CLC5633 is a current feedback op amp with R
f =Rg =
1k
Ω on chip (in the package). Select from three closed loop
gains without using any external gain or feedback resistors.
Implement gains of +2, +1, and −1V/V by connecting pins 5
and 6 (or 9 and 10, or 12 and 13) as described in the chart
below.
Gain A
V
Input Connections
Non-Inverting
(pins 5, 10, &
12)
Inverting (pins 6,
9, & 13)
−1V/V
ground
input signal
+1V/V
input signal
NC (open)
+2V/V
input signal
ground
The gain accuracy of the CLC5633 is excellent and stable
over temperature change. The internal gain setting resistors,
R
f and Rg are diffused silicon resistors with a process varia-
tion of ±20% and a temperature coefficient of −2000ppm/˚C.
Although their absolute values change with processing and
temperature, their ratio (R
f/Rg) remains constant. If an exter-
nal resistor is used in series with R
g, gain accuracy over
temperature will suffer.
Single Supply Operation (V
CC=+5V, VEE=GND)
The specifications given in the +5V Electrical Characteris-
tics table for single supply operation are measured with a
common mode voltage (V
cm) of 2.5V. Vcm is the voltage
around which the inputs are applied and the output voltages
are specified.
Operating from a single +5V supply, the Common Mode
Input Range (CMIR) of the CLC5633 is typically +0.8V to
+4.2V. The typical output range with R
L=100Ω is +1.0V to
+4.0V.
For single supply DC coupled operation, keep input signal
levels above 0.8V DC, AC coupling and level shifting the
signal are recommended. The non-inverting and inverting
configurations for both input conditions are illustrated in the
following 2 sections.
DC Coupled Single Supply Operation
Figure 1, Figure 2, and Figure 3 on the following page, show
the recommended configurations for input signals that re-
main above 0.8V DC. Note: R
b provides DC bias for the
non-inverting input. R
b,RL and Rt are tied to Vcm for mini-
mum power consumption and maximum output swing. Chan-
nel 2 and 3 not shown.
AC Coupled Single Supply Operation
Figure 4, Figure 5, and Figure 6 show possible non-inverting
and inverting configurations for input signals that go below
0.8V DC.
CLC5633
Vin
Rt
Vcm
0.1
µF
6.8
µF
+
VCC
Vo
RL
Vcm
Note: Rb provides DC bias for the non-inverting input. Rb, RL and Rt are tied to Vcm
for minimum power consumption and maximum output swing.
Channel 2 and 3 not shown.
Rb
Vcm
Select Rt to yield desired Rin = Rt||Rg, where Rg = 1kΩ.
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
DS015005-39
FIGURE 1. DC Coupled, A
V = −1V/V Configuration
CLC5633
Vin
Rt
Vcm
0.1
µF
6.8
µF
+
VCC
Vo
RL
Vcm
Note: Rt and RL are tied to Vcm for minimum power
consumption and maximum output swing.
Channel 2 and 3 not shown.
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
DS015005-40
FIGURE 2. DC Coupled, A
V = +1V/V Configuration
CLC5633
Vin
Rt
Vcm
0.1
µF
6.8
µF
+
VCC
Vo
RL
Vcm
Note: Rt and RL and Rg are tied to Vcm for minimum power
consumption and maximum output swing.
Channel 2 and 3 not shown.
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Vcm
DS015005-41
FIGURE 3. DC Coupled, A
V = +2V/V Configuration
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com