Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5633IM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633IM
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633IM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC5633IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 16Page - National Semiconductor (TI) CLC5633IM Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Application Division (Continued)
Layout Considerations
A proper printed circuit layout is essential for achieving high
frequency performance. National provides evaluation boards
for the CLC5633 (CLC730075-DIP, CLC730074-SOIC) and
suggests their use as a guide for high frequency layout and
as an aid for device testing and characterization.
General layout and supply bypassing play major roles in high
frequency performance. Follow the steps below as a basis
for high frequency layout:
•
Include 6.8µF tantalum and 0.1µF ceramic capacitors on
both supplies.
•
Place the 6.8µF capacitors within 0.75 inches of the
power pins.
•
Place the 0.1µF capacitors less than 0.1 inches from the
power pins.
•
Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance.
•
Use flush-mount printed circuit board pins for prototyping,
never use high profile DIP sockets.
Evaluation Board Information
A data sheet is available for the CLC730075/CLC730074
evaluation boards. The evaluation board data sheets pro-
vide:
•
Evaluation board schematics
•
Evaluation board layouts
•
General information about the boards
The evaluation boards are designed to accommodate dual
supplies. The boards can be modified to provide single
supply operation. For best performance; 1) do not connect
the unused supply, 2) ground the unused supply pin.
Special Evaluation Board
Considerations for the CLC5633
To optimize off-isolation of the CLC5633, cut the R
f trace on
both the CLC730074 and the CLC730075 evaluation
boards. This cut minimizes capacitive feedthrough between
the input and the output.
SPICE Models
SPICE models provide a means to evaluate amplifier de-
signs. Free SPICE models are available for National’s mono-
lithic amplifiers that:
•
Support Berkeley SPICE 2G and its many derivatives
•
Reproduce typical DC, AC, Transient, and Noise perfor-
mance
•
Support room temperature simulations
The readme file that accompanies the diskette lists released
models, and provides a list of modeled parameters. The
application note OA-18, Simulation SPICE Models for Na-
tional’s Op Amps, contains schematics and a reproduction of
the readme file.
Application Circuits
Single Supply Cable Driver
Figure 13 below shows the CLC5633 driving 10m of 75
Ω
coaxial cable. The CLC5633 is set for a gain of +2V/V to
compensate for the divide-by-two voltage drop at V
O. The
response after 10m of cable is illustrated in
Figure 14.
CLC5633
0.1
µF
6.8
µF
+
+5V
Note: Channel 2 and 3 not shown.
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Vin
5k
Ω
5k
Ω
+5V
0.1
µF
0.1
µF
75
Ω
Vo
0.1
µF
75
Ω
10m of 75
Ω
Coaxial Cable
DS015005-52
FIGURE 13. Single Supply Cable Driver
20ns/div
Vin = 10MHz, 0.5Vpp
DS015005-53
FIGURE 14. Response After 10m of Cable
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com